Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 552 page
background image
Chapter 4 Address Mapping
4-10
Table 4.2.3 Internal Registers (7/9)
Offset Address
Register Size (bit) Register Symbol
Register Name
Serial I/O (Channel 0)
0xF300
32
SILCR0
Line Control Register 0
0xF304
32
SIDICR0
DMA/Interrupt Control Register 0
0xF308
32
SIDISR0
DMA/ Interrupt Status Register 0
0xF30C
32
SISCISR0
Status Change Interrupt Status Register 0
0xF310
32
SIFCR0
FIFO Control Register 0
0xF314
32
SIFLCR0
Flow Control Register 0
0xF318
32
SIBGR0
Baud Rate Control Register 0
0xF31C
32
SITFIFO0
Transmitter FIFO Register 0
0xF320
32
SIRFIFO0
Receiver FIFO Register 0
Serial I/O (Channel 1)
0xF400
32
SILCR1
Line Control Register 1
0xF404
32
SIDICR1
DMA/Interrupt Control Register 1
0xF408
32
SIDISR1
DMA/ Interrupt Status Register 1
0xF40C
32
SISCISR1
Status Change Interrupt Status Register 1
0xF410
32
SIFCR1
FIFO Control Register 1
0xF414
32
SIFLCR1
Flow Control Register 1
0xF418
32
SIBGR1
Baud Rate Control Register 1
0xF41C
32
SITFIFO1
Transmitter FIFO Register 1
0xF420
32
SIRFIFO1
Receiver FIFO Register 1
Parallel I/O (PIO)
0xF500
32
PIODO
Output Data Register
0xF504
32
PIODI
Input Data Register
0xF508
32
PIODIR
Direction Control Register
0xF50C
32
PIOOD
Open Drain Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com