Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 87Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 552 page
background image
Chapter 5 Configuration Registers
5-5
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
12:10 PCIDIVMODE PCICLK
Frequency
Division Ratio
Specifies the frequency division ratio of the PCI bus clock
output (PCICLK[5:0]) frequency to the clock frequency
(CPUCLK) of the TX49/H3 core.
001: PCICLK frequency
= CPUCLK frequency ÷ 4
011: PCICLK frequency
= CPUCLK frequency ÷ 4.5
101: PCICLK frequency
= CPUCLK frequency ÷ 5
111: PCICLK frequency
= CPUCLK frequency ÷ 5.5
000: PCICLK frequency
= CPUCLK frequency ÷ 8
010: PCICLK frequency
= CPUCLK frequency ÷ 9
100: PCICLK frequency
= CPUCLK frequency ÷ 10
110: PCICLK frequency
= CPUCLK frequency ÷ 11
ADDR[11:10]
,0
R/W
9:8
⎯
Reserved
⎯
⎯
⎯
7:6
SYSSP
SYSCLK
frequency
division ratio
Indicates the frequency division ratio of the SYSCLK
frequency to the G-Bus clock frequency (GBUSCLK).
LL: 00: SYSCLK frequency
= GBUSCLK frequency ÷ 4
LH: 01: SYSCLK frequency
= GBUSCLK frequency ÷ 3
HL: 10: SYSCLK frequency
= GBUSCLK frequency ÷ 2
HH: 11: SYSCLK frequency
= GBUSCLK frequency
ADDR[14:13] R
5:3
⎯
Reserved
⎯
⎯
⎯
2
ENDIAN
Endian
Indicates the TX4937 endian mode setting.
L: 0 = Little endian mode
H: 1 = Big endian mode
ADDR[12]
R
1
ARMODE
ACK*/READY
Mode
Selects an ACK*/READY signal operation mode for the
external bus controller (refer to Section 7.3.6).
0 = ACK*/READY dynamic mode
1 = ACK*/READY static mode
0
R/W
0
ACEHOLD
ACE Hold
Specifies the hold time of an address relative to the external
bus controller ACE* signal (refer to Section 7.3.4).
0 = Switch the address at the same time when the ACE*
signal is deasserted.
1 = Switch the address one clock cycle after the ACE* signal
is deasserted.
1
R/W
Figure 5.2.1 Chip Configuration Register (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com