Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 55Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 56Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 552 page
background image
Chapter 3 Signals
3-5
Table 3.1.5 PCI Interface Signals (2/2)
Signal Name
Type
Description
Initial State
DEVSEL*
Input/output Device Select
The target asserts this signal in response to access from the initiator.
Input
REQ[3:2]*
Input
Request
Signals used by the master to request bus mastership. The boot configuration signal on
the DATA[2] pin determines whether the built-in PCI bus arbiter is used. In internal arbiter
mode, REQ[3:2]* are PCI bus request input signals. In external arbiter mode, REQ[3:2]*
are not used. Because the pins are still placed in the input state, they must be pulled up
externally.
Input
REQ[1]*
/INTOUT
Input/output/
OD
Request
Signal used by the master to request bus mastership. The boot configuration signal on
the DATA[2] pin determines whether the built-in PCI bus arbiter is used. In internal arbiter
mode, this signal is a PCI bus request input signal. In external arbiter mode, this signal is
an external interrupt output signal (INTOUT). Refer to Section “15.3.7 Interrupt
Requests”.
Selected by
DATA[2]
H: Input
L: Hi-Z
REQ[0]*
Input/output Request
Signal used by the master to request bus mastership. The boot configuration signal on
the DATA[2] pin determines whether the built-in PCI bus arbiter is used. In internal arbiter
mode, this signal is a PCI bus request input signal. In external arbiter mode, this signal is
a PCI bus request output signal.
Selected by
DATA[2]
H: Input
L: High
GNT[3:0]*
Input/output Grant
Indicates that bus mastership has been granted to the PCI bus master. The boot
configuration signal on the DATA[2] pin determines whether the built-in PCI bus arbiter is
used. In internal arbiter mode, all of GNT[3:0]* are PCI bus grant output signals. In
external arbiter mode, GNT[0]* is a PCI bus grant input signal. Because GNT[3:1]* also
become input signals, they must be pulled up externally.
Selected by
DATA[2]
H: All High
L: Input
PERR*
Input/output Data Parity Error
Indicates a data parity error in a bus cycle other than special cycles.
Input
SERR*
Input/OD
System Error
Indicates an address parity error, a data parity error in a special cycle, or a fatal error.
In host mode, SERR* is an input signal. In satellite mode, SERR* is an open-drain output
signal. The mode is determined by the boot configuration signal on the ADDR[19] pin.
Input
M66EN
Input/output PCI Bus 66 MHz Clock Enable
1: Enable 66 MHz operating mode.
0: Disable 66 MHz operating mode.
This pin is configured as input in satellite mode and as output in host mode. The mode is
selected through the logic level of the ADDR[19] pin at boot time. This pin must be pulled
down when the PCI Controller is configured in satellite mode and when the 66-MHz
operating mode is disabled.
Selected by
ADDR[19]
H: Low
L: Input
PME*
Input/OD
Power Management Event
PME* indicates the power management mode. In host mode, PME* is an input signal. In
satellite mode, PME* is an open-drain output signal. The mode is determined by the boot
configuration signal on the ADDR[19] pin.
Selected by
ADDR[19]
H: Input
L: Hi-Z
EEPROM_DI
Input
PU
EEPROM Data In
Data input from serial EEPROM for initially setting the PCI configuration.
Input
EEPROM_DO
Output
EEPROM Data Out
Data output to serial EEPROM for initially setting the PCI configuration.
Low
EEPROM_CS
Output
EEPROM Chip Select
Chip select for serial EEPROM for initially setting the PCI configuration.
Low
EEPROM_SK
Output
EEPROM Serial Clock
Clock for serial EEPROM for initially setting the PCI configuration.
Low
Note: The PCI bus specification specifies that the following pins require pullups: FRAME*, IRDY*,
TRDY*, STOP*, LOCK*, DEVSEL*, PERR*, SERR* and PME*. If these pins are unused, pullups
must be provided externally to the TX4937.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com