Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 552 page
background image
Chapter 4 Address Mapping
4-4
Table 4.2.3 Internal Registers (1/9)
Offset Address
Register Size (bit) Register Symbol
Register Name
SDRAM Controller (SDRAMC)
0x8000
64
SDCCR0
SDRAM Channel Control Register 0
0x8008
64
SDCCR1
SDRAM Channel Control Register 1
0x8010
64
SDCCR2
SDRAM Channel Control Register 2
0x8018
64
SDCCR3
SDRAM Channel Control Register 3
0x8040
64
SDCTR
SDRAM Timing Register
0x8058
64
SDCCMD
SDRAM Command Register
External Bus Controller (EBUSC)
0x9000
64
EBCCR0
EBUS Channel Control Register 0
0x9008
64
EBCCR1
EBUS Channel Control Register 1
0x9010
64
EBCCR2
EBUS Channel Control Register 2
0x9018
64
EBCCR3
EBUS Channel Control Register 3
0x9020
64
EBCCR4
EBUS Channel Control Register 4
0x9028
64
EBCCR5
EBUS Channel Control Register 5
0x9030
64
EBCCR6
EBUS Channel Control Register 6
0x9038
64
EBCCR7
EBUS Channel Control Register 7
SDRAM Error Check Correction (ECC)
0xA000
64
ECCCR
ECC Control Register
0xA008
64
ECCSR
ECC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com