Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 552 page
background image
Chapter 6 Clocks
6-1
6.
Clocks
6.1
TX4937 Clock Signals
Figure 6.1.1 shows the configuration of TX4937 blocks and clock signals. Table 6.1.1 describes each clock
signal. Table 6.1.2 shows the relationship among different clock signals when the CPU clock frequency is
266 MHz. Table 6.1.3 shows the relationship among different clock signals when the CPU clock frequency is
300 MHz. Table 6.1.4 shows the relationship among different clock signals when the CPU clock frequency is
333 MHz.
Figure 6.1.1 TX4937 Block and Clock Configuration
SDRAMC
PCIC
TX49/H3 core
IRC
EBUSC
DMAC
CPUCLK
GBUSCLK
IMBUSCLK
CLKCTR
MASTERCLK
CG
SYSCLK
SDCLK[3:0]
SDCLKIN
PCICLK[5:0]
PCICLKIN
TX4937
Data input latch
CLKGATE
PCICLKO
×1
TCLK
1/2
ADDR[3][1:0]
PLL1
ADDR[11:10]
(CCFG.
PCIDIVMODE)
ADDR[14:13]
PCI device
External
device
PLL2
Oscillator
×1
1/1
1/2
1/3
1/4
DMACKD
PCICKD
PIOCKD
TM2CKD
TM1CKD
TM0CKD
SIO1CKD
PIO
CLKGATE
TMR2
TMR1
TMR0
SIO1
SIO0
SIO0CKD
SDRAM
SCLK
ACLCKD
ACLC
BITCLK
×4
EJTAG/DSU
DCLK
TCK
ADDR[2]
1/4
1/4.5
1/5
1/5.5
1/8
1/9
1/10
1/11
×2
×2.5
×3
×4
x4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com