Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 552 page
background image
Chapter 3 Signals
3-12
Table 3.2.2 Boot Configuration Specified with the ADDR[19:0] Signals (2/2)
Signal
Description
Corresponding
Register Bit
Configuration
Determined at
ADDR[4]
Initial Setting of Boot
Select initial setting derivability of SDRAM interface signals
L = 8mA
H = 16mA
DATA[63:0], CB[7:0], DQM[7:0]
PCFG[56:54]
RESET* deassert edge
ADDR[3:0]
CPUCLK Clock Speed Setting
Specifies the value by which MASTERCLK input signal is multiplied
to produce the TX49/H3 core clock (CPUCLK).
The values of ADDR[1:0] are also reflected in the EC field of the
TX49/H3 core Config register.
ADDR[3:0] : DIVMODE[3:0]
HHHH:0100 CPUCLK frequency = 2 x MASTERCLK frequency
HHHL:1111 CPUCLK frequency = 2.5 x MASTERCLK frequency
HHLH:0101 CPUCLK frequency = 3 x MASTERCLK frequency
HHLL:0110 CPUCLK frequency = 4 x MASTERCLK frequency
LHHH:1101 CPUCLK frequency = 4.5 x MASTERCLK frequency
LHHL: -
reserved
LHLH: -
reserved
LHLL: -
reserved
HLHH:0000 CPUCLK frequency = 8 x MASTERCLK frequency
HLHL:1011 CPUCLK frequency = 10 x MASTERCLK frequency
HLLH:0001 CPUCLK frequency = 12 x MASTERCLK frequency
HLLL:0010 CPUCLK frequency = 16 x MASTERCLK frequency
LLHH:1001 CPUCLK frequency = 18 x MASTERCLK frequency
LLHL: -
reserved
LLLH: -
reserved
LLLL: -
reserved
CCFG.DIVMODE
CGRESET* deassert
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com