Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 552 page
background image
Chapter 5 Configuration Registers
5-2
5.2
Registers
Table 5.2.1 lists the configuration registers.
Table 5.2.1 Configuration Register Mapping
Offset Address
Size in Bits
Register Symbol
Register Name
0xE000
64
CCFG
Chip Configuration Register
0xE008
64
REVID
Chip Revision ID Register
0xE010
64
PCFG
Pin Configuration Register
0xE018
64
TOEA
Timeout Error Access Address Register
0xE020
64
CLKCTR
Clock Control Register
0xE030
64
GARBC
G-Bus Arbiter Control Register
0xE048
64
RAMP
Register Address Mapping Register
Any address not defined in this table is reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com