Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 43Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 552 page
background image
Chapter 1 Overview and Features
1-1
1.
Overview and Features
1.1
Overview
The TMPR4937 (TX4937) is a standard microcontroller that belongs to the 64-bit TX System RISC TX49
family.
The TX4937 uses the TX49/H3 core as its CPU. The TX49/H3 core is a 64-bit RISC core that Toshiba
developed based on the MIPS III architecture of MIPS Technologies, Inc. (MIPS). For details of the
TX49/H3 core such as instruction sets, see “64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core
Architecture”.
In addition to the TX49/H3 core, the TX4937 uses as microcontrollers for embedded applications an
External Bus Controller, DMA Controllers, SDRAM Controller, PCI Controller. The TX4937 also has
peripheral circuits such as a serial I/O port, a timer/counter, a parallel I/O port, an AC-link Controller and an
Interrupt Controller. By having an on-chip a data bus with a maximum width of 64 bits and an SDRAM
Controller with a memory clock frequency of 133 MHz, the TX4937 realizes low memory access latency and
high memory bandwidth. This allows the TX4937 to show its capacity as a high-performance CPU core.
1.2
Features
•
TX49/H3 core
Maximum Operating Frequency: 300 MHz (TMPR4937XBG-300), 333 MHz (TMPR4937XBG-333)
On-chip IEEE754-compliant single/double precision floating point unit (FPU) function
•
External Bus Controller (8 channels)
•
DMA (Direct Memory Access) Controllers (8 channels)
•
SDRAM Controller (4 channels)
64-bit Data Bus
Memory Clock Frequency: 133 MHz (For relationship between CPU clock and memory clock, see
Section 6.1)
Supports ECC/Parity
•
PCI Controller
Complies with PCI Local Bus Specification Revision 2.2
PCI Bus Clock Frequency: 66 MHz/33 MHz
•
Serial I/O Port (2 channels)
•
Timer/Counter (3 channels)
•
Parallel I/O Port (Maximum 16 bits)
•
AC-link Controller
•
Interrupt Controller
•
Selectable Little Endian mode or Big Endian mode
•
Low Power Consumption
Supports internal 1.5 V, IO block 3.3 V operation, and low power consumption mode (Halt)
•
Supports IEEE1149.1 (JTAG): Debugging Support Unit (EJTAG)
•
Package: 484-pin PBGA (with 64pin thermal ball)
(There is pin compatible nature with TX4927 except thermal balls.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com