Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 552 page
background image
Chapter 3 Signals
3-7
3.1.9
AC-link Interface Signals
Table 3.1.9 AC-link Interface Signals
Signal Name
Type
Description
Initial State
ACRESET*
Output
AC '97 Master H/W Reset
ACRESET* shares the pin with the DMAREQ[2] signal. The boot configuration signal on
the ADDR[9] pin selects between ACRESET* and DMAREQ[2] (refer to Section “3.3 Pin
multiplex”).
Selected by
ADDR[9]
L: Low
H: Input
SYNC
Output
48 kHz Fixed Rate Sample Sync
SYNC shares the pin with the DMAACK[2] signal. The boot configuration signal on the
ADDR[9] pin selects between SYNC and DMAACK[2] (refer to Section “3.3 Pin
multiplex”).
Selected by
ADDR[9]
L: Low
H: High
SDOUT
Output
Serial, Time Division Multiplexed, AC '97 Output Stream
SDOUT shares the pin with the PIO[4] signal. The boot configuration signal on the
ADDR[9] pin selects between SDOUT and PIO[4] (refer to Section “3.3 Pin multiplex”).
Selected by
ADDR[9]
L: Low
H: Input
SDIN[1]
Input
Serial, Time Division Multiplexed, AC ‘97 Input Stream
When this pin is used as SDIN[1], pull down by the resister on the board. (Regarding the
value of register, please ask the Engineering Department in Toshiba).
Input
SDIN[0]
Input
Serial, Time Division Multiplexed, AC '97 Input Stream
SDIN[0] shares the pin with the PIO[3] signal. The boot configuration signal on the
ADDR[9] pin selects between SDIN[0] and PIO[3] (refer to Section “3.3 Pin multiplex”).
When this pin is used as SDIN[0], pull down by the resister on the board. (Regarding the
value of register, please ask the Engineering Department in Toshiba).
Input
BITCLK
Input
12.288 MHz Serial Data Clock
BITCLK shares the pin with the PIO[2] signal. The boot configuration signal on the
ADDR[9] pin selects between BITCLK and PIO[2] (refer to Section “3.3 Pin multiplex”).
When this pin is used as BITCLK, pull down by the resister on the board. (Regarding the
value of register, please ask the Engineering Department in Toshiba).
Input
3.1.10 Interrupt Signals
Table 3.1.10 Interrupt Signals
Signal Name
Type
Description
Initial State
NMI*
Input
PU
Non-Maskable Interrupt
Non-maskable interrupt signal.
Input
INT[5:0]
Input
PU
External Interrupt Requests
External interrupt request signals.
INT[4:3] share pins with other function signals (refer to Section “3.3 Pin multiplex”).
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com