Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 552 page
background image
Chapter 5 Configuration Registers
5-13
5.2.6
G-Bus Arbiter Control Register (GARBC)
0xE030
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
30
16
ARBMD
Reserved
R/W
: Type
1
: Initial value
15
14
0
Reserved
PRIORITY
R/W
: Type
000_001_010_011_100
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:32
⎯
Reserved
⎯
⎯
⎯
31
ARBMD
Arbitration
Mode
Specifies how to prioritize G-Bus arbitration.
0 = Fixed priority. The G-Bus arbitration priority conforms to
the content of the PRIORITY field (bits [14:0]).
1 = Round-robin (in a round-robin fashion, PCIC0 > PDMAC >
DMAC0 > DMAC1 > PCIC1)
Note: Before accessing the PCI by DMAC, specify round-robin
as the priority mode. If fixed-priority mode is selected, a
dead lock is likely to occur in PCI bus access.
1
R/W
30:15
⎯
Reserved
⎯
⎯
⎯
14:0
PRIORITY
Arbitration
Priority
Specifies the priority when ARBMD (bit [16]) specifies fixed-
priority mode.
[14:12] = Bus master with the highest priority
[11:9] = Bus master with the second highest priority
[8:6] = Bus master with the third highest priority
[5:3] = Bus master with the fourth highest priority
[2:0] = Reserved (Please do not rewrite.)
000 = PCI controller
001 = PDMAC
010 = DMAC0
011 = DMAC1
A priority of PCIC > PDMAC > DMAC0 > DMAC1 is initially set
up.
000_001_01
0_011_100
R/W
Figure 5.2.6 G-Bus Arbiter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com