Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 350 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 350 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 346Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 347Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 348Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 349Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 350Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 354Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 552 page
background image
Chapter 10 PCI Controller
10-92
10.4.61 PDMAC Count Register (PDMCTR)
0xD218
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
24
23
16
Reserved
PDMCTR[23:16]
R/W
: Type
Undefined
: Initial value
15
2
1
0
PDMCTR[15:2]
Reserved
R/W
: Type
Undefined
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
63:24
Reserved
⎯
23:2
PDMCTR
Transfer Byte
Count
PDMAC Transfer Count (Default is undefined)
Sets an uncoded 24-bit transfer byte count in 32-bit word units. Also, the
setting of this register must always be a multiple of the transfer size
specified inside the PDMAC Configuration Register. No data transfer is
performed if a count of “0” is set.
This byte count value is calculated from the transferred byte size as the
PDMAC performs a DMA transfer.
This register value is held without being affected by a Reset.
R/W
1:0
Reserved
⎯
Figure 10.4.59 Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com