Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 359 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 359 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 361Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 362Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 363Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 552 page
background image
Chapter 10 PCI Controller
10-101
10.5.3 Power Management Capability Register (PMC) 0xDE
15
11
10
9
8
6
5
4
3
2
0
PMESPT
D2SPT D1SPT
Reserved
DSI Reserved PMECLK
PMVER
R
R
R
R
R
R
: Type
0x19
0
0
0
0
0x2
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
15:11
PMESPT
PME Output
Support
PME_ Support (Fixed Value: 0x09)
Indicates that the PME* signal can be output from the state where the bit is
set to “1”.
Bit 15: Can output the PME* signal from the D3cold state.
Bit 14: Can output the PME* signal from the D3hot state.
Bit 13: Can output the PME* signal from the D2 state.
Bit 12: Can output the PME* signal from the D1 state.
Bit 11: Can output the PME* signal from the D0 state.
Note:
With the TX4937 PCI Controller, it is possible to output the
PME* signal from the D0 and the D3hot states.
R
10
D2SPT
D2 Support
D2_Support (Fixed Value: 0)
0: Indicates that the D2 state is not supported.
R
9
D1SPT
D1 Support
D1_Support (Fixed Value: 0)
0: Indicates that the D1 state is not supported.
R
8:6
Reserved
⎯
5
DSI
DSI
DSI (Fixed Value: 0)
0: Indicates that Device Specific Initialization is not required.
R
4
Reserved
⎯
3
PMECLK
PME Clock
PME Clock (Fixed Value: 0)
0: Indicates that the PCI Clock is not required to assert the PME* signal.
R
2:0
PMVER
Power
Management I/F
Version
Version (Fixed Value: 0x2)
2: Indicates compliance with "PCI Power Management Interface
Specification" Version 1.1.
R
Figure 10.5.3 PMC Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com