Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 424 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 424 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 422Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 423Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 424Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 425Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 426Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 428Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 552 page
background image
Chapter 14 AC-link Controller
14-18
Bit
Mnemonic Field Name
Description
Read/Write
SURREHLT: Enable Audio Surround L&R Transmit-data DMA Error Halt.
R/W1S
17
SURREHLT
R
0: Indicates that SURRDMA error halt is disabled.
1: Indicates that SURRDMA error halt is enabled.
Enable Audio
Surround L&R
Transmit-data
DMA Error Halt
W1S
0: No effect
1: Enables SURRDMA error halt. When SURRDMA underrun
occurs, subsequent DMA request will not be issued.
AUDOEHLT: Enable Audio PCM L&R Transmit-data DMA Error Halt.
R/W1S
16
AUDOEHLT
R
0: Indicates that AUDODMA error halt is disabled.
1: Indicates that AUDODMA error halt is enabled.
Enable Audio
PCM L&R
Transmit-data
DMA Error Halt
W1S
0: No effect
1: Enables AUDODMA error halt. When AUDODMA underrun
occurs, subsequent DMA request will not be issued.
MODIDMA: Enable Modem Receive-data DMA.
R/W1S
15
MODIDMA
Enable Modem
Receive-data
DMA
R
0: Indicates that modem receive-data DMA is disabled.
1: Indicates that modem receive-data DMA is enabled.
W1S
0: No effect
1: Enables modem receive-data DMA.
MODODMA: Enable Modem Transmit-data DMA.
R/W1S
14
MODODMA Enable Modem
Transmit-data
DMA
R
0: Indicates that modem transmit-data DMA is disabled.
1: Indicates that modem transmit-data DMA is enabled.
W1S
0: No effect
1: Enables modem transmit-data DMA.
[Note: DMA size must be internal FIFO depth or more.]
13
⎯
Reserved
⎯
AUDIDMA: Enable Audio Receive-data DMA.
R/W1S
12
AUDIDMA
Enable Audio
Receive-data
DMA
R
0: Indicates that audio receive-data DMA is disabled.
1: Indicates that audio receive-data DMA is enabled.
W1S
0: No effect
1: Enables audio receive-data DMA.
LFEDMA: Enable Audio LFE Transmit-data DMA.
R/W1S
11
LFEDMA
R
0: Indicates that audio LFE transmit-data DMA is disabled.
1: Indicates that audio LFE transmit-data DMA is enabled.
Enable Audio
LFE
Transmit-data
DMA
W1S
0: No effect
1: Enables audio LFE transmit-data DMA.
[Note: DMA size must be internal FIFO depth or more.]
CENTDMA: Enable Audio Center Transmit-data DMA.
R/W1S
10
CENTDMA
R
0: Indicates that audio Center transmit-data DMA is disabled.
1: Indicates that audio Center transmit-data DMA is enabled.
Enable Audio
Center
Transmit- data
DMA
W1S
0: No effect
1: Enables audio Center transmit-data DMA.
[Note: DMA size must be internal FIFO depth or more.]
SURRDMA: Enable Audio Surround L&R Transmit-data DMA.
R/W1S
9
SURRDMA
R
0: Indicates that audio Surround L&R transmit-data DMA is disabled.
1: Indicates that audio Surround L&R transmit-data DMA is enabled.
Enable Audio
Surround L&R
Transmit-data
DMA
W1S
0: No effect
1: Enables audio Surround L&R transmit-data DMA.
[Note: DMA size must be internal FIFO depth or more.]
AUDODMA: Enable Audio PCM L&R Transmit-data DMA.
R/W1S
8
AUDODMA
R
0: Indicates that audio PCM L&R transmit-data DMA is disabled.
1: Indicates that audio PCM L&R transmit-data DMA is enabled.
Enable Audio
PCM L&R
Transmit-data
DMA
W1S
0: No effect
1: Enables audio PCM L&R transmit-data DMA.
[Note: DMA size must be internal FIFO depth or more.]
Figure 14.4.1 ACCTLEN Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com