Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 501 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 501 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 497Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 498Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 499Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 500Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 501Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 502Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 503Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 505Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 552 page
background image
Chapter 20 Extended EJTAG Interface
20-3
20.2.2 Instruction Register
The JTAG Instruction Register consists of an 8-bit shift register. This register is used for selecting
either one or both of the test to be performed and the Test Data Register to be accessed. The Data
Register is selected according to the instruction code in Table 20.2.1. Refer to the “64-bit TX System
RISC TX49/H2, TX49/H3, TX49/H4 Core Architecture” for more information regarding each
instruction.
Table 20.2.1 Bit Configuration of JTAG Instruction Register
Instruction Code
MSB
→ LSB
Instruction
Selected Data Register
00000000 (0x00)
EXTEST
Boundary Scan Register
00000001 (0x01)
SAMPLE/PRELOAD
Boundary Scan Register
00000010 (0x02)
Reserved
Reserved
00000011 (0x03)
IDCODE
Device ID Register
00000100 - 00001111
Reserved
Reserved
00010000 (0x10)
HIGHZ
Bypass Register
00010001 - 01111111
Reserved
Reserved
10000000 - 11111110
Refer to the “64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core Architecture”
11111111 (0xFF)
BYPASS
Bypass Register
Figure 20.2.1 shows the format of the Instruction Register.
7
6
5
4
3
2
1
0
MSB
LSB
Figure 20.2.1 Instruction Register
The instruction code is shifted to the Instruction Register starting from the Least Significant Bit.
LSB
TDO
TDI
MSB
Figure 20.2.2 Shift Direction of the Instruction Register
20.2.3 Boundary Scan Register
The Boundary Scan Register contains a single 391-bit shift register to which all TX4937 I/O signals
except for power supply, TDI, TCK, TDO, TMS, TRST*, and TEST[4]* are connected. Figure 20.2.3 shows
the bits of the Boundary Scan Register.
390
0
Refer to TX4937 BSDL file
Figure 20.2.3 Boundary Scan Register
TDI input is fetched to the Most Significant Bit (MSB) of the Boundary Scan Register and the Least
Significant Bit (LSB) of the Boundary Scan Register is sent from the TDO output.
Table 20.2.2 shows the boundary scan sequence relative to the processor signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com