Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 233Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 552 page
background image
Chapter 9 SDRAM Controller
9-21
Bit
Mnemonic
Field Name
Description
Read/Write
24
ACE
Advanced CKE
Advanced CKE enable (Default: 0)
Enabling this function makes the timing at which CKE changes one cycle
earlier.
0: Disable
1: Enable
R/W
23
PDAE
Power Down
Auto Entry
Power Down Auto Entry Enable (Default: 0)
Enabling this function makes CKE become “L” while the SDRAMC is in the
Idle state. When refresh, memory access, or command execution is
performed, CKE automatically becomes “H”, the requested operation is
performed, then CKE returns to “L” when the operation is complete.
0: Disable
1: Enable
R/W
22:18
RC
Refresh Counter
Refresh Counter (Default: 000000)
This counter is decremented at each refresh. If the refresh circuit is
activated and a value other than “0” is loaded, this field becomes a down
counter that stops at “0”. A value other than “0” must be reloaded to start
the countdown again. This is used during memory initialization.
R/W
17
CASL
CAS Latency
CAS Latency (tCASL) (Default: 1)
Specifies the CAS latency.
0: 2 tCK
1: 3 tCK
R/W
16
DRB
Data Read
Bypass
Data Read Bypass (Default: 0)
Selects the Data Read path used.
0: Data Read latches to the register using the feedback clock.
1: Data Read bypasses the feedback clock latch.
R/W
15
DA
Active Command
Delay
Delay Activate (tDA) (Default: 1)
Specifies the delay from the row address to the bank active command.
Setting this bit to “1” sets up the row address two cycles before the active
command is executed.
0: 0 tCK
1: 1 tCK
R/W
14
SWB
Slow Write Burst
Slow Write Burst (tSWB) (Default: 1)
Specifies whether to perform Slow Write Burst.
0: Burst Write occurs at each 1 tCK
1: Burst Write occurs at each 2 tCK
R/W
13:12
—
—
Reserved
⎯
11:0
RP
Refresh Period
Refresh Period (Default: 0x30c)
Specifies the clock cycle count that generates the refresh cycle. Refresh is
only enabled when at least one SDRAM channel is enabled. Please
program the Timing Register before an arbitrary channel is enabled.
Default is 0x30C. A refresh cycle occurs for each 7.8
µs@100 MHz in this
situation.
R/W
Figure 9.4.2 SDRAM Timing Register (2/2)
1 tCK = Clock cycle
2 tRC is used during (i) refresh cycle time, (ii) single Read, (iii) two transfer burst Reads. The bank cycle time is tRAS +
tRP + 1tCK if tRAS + tRP < tRC in the case of (ii) (iii).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com