| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 260 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 260 Page - Toshiba Semiconductor |
|
260 / 552 page ![]() Chapter 10 PCI Controller 10-2 10.1.3 Target Function • Single and Burst transfer from the PCI Bus to the Internal Bus • Supports memory, I/O, and configuration cycles • Supports high-speed back-to-back transactions on the PCI Bus • Address mapping between the PCI Bus and the Internal bus can be modified • Mounted 8-stage 64-bit data FIFO for Read • Mounted 12-stage 64-bit data FIFO for Write • Post Write function enables quick termination of a maximum of nine Write transactions by the PCI Bus without waiting for completion on the G-Bus. • Read Burst length (pre-fetch data size) on the Internal Bus when reading a pre-fetchable space can be made programmable • Endian switching function 10.1.4 PCI Arbiter • Supports four external PCI bus masters • Uses the Programmable Fairness algorithm (two levels with different priorities for four round- robin request/grant pairs) • Supports bus parking • Bus master uses the Most Recently Used algorithm • Unused slots and broken masters can be automatically disabled after Power On reset • On-chip arbitration function can be disabled and external arbiter can be used 10.1.5 PDMAC (PCI DMA Controller) • Direct Memory Access (DMA) Controller dedicated to 1-channel PCI • Is possible to transfer data using minimal G-Bus bandwidth • Data can be transferred bidirectionally between the G-Bus and the PCI Bus • Specifying a physical address on the PCI Bus and an address on the G-Bus makes it possible to automatically transfer data between the PCI Bus and the G-Bus • Supports the Chain DMA mode, in which a Descriptor containing chain-shaped addresses and a transfer size is automatically read from memory while DMA transfer continuous • On-chip 4-stage 64-bit data buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |