Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
MC13892
VGEN3 ACTIVE MODE DC
Output Voltage VOUT
VGEN2 = 000, 001, 010, VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VGEN3
VNOM -3%
VNOM
VNOM + 3%
V
Load Regulation
1.0 mA < IL < ILMAX, For any VINMIN < VIN < VINMAX
VGEN3LOR
–
–
0.40
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, For any ILMIN < IL < ILMAX
VGEN3SHT
–
5.0
9.0
mV
Short-circuit Protection Threshold
VINMIN < VIN < VINMAX, Short circuit VOUT to GND
VGEN3SHT
ILMAX+20%
–
–
mA
VGEN3 LOW-POWER MODE DC
Output Voltage VOUT - (Accuracy)
VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VGEN3LO
VNOM -3%
VNOM
VNOM +3%
V
Current Load Range ILMINLP to ILMAXLP
IGEN3LO
0.0
1.0
3.0
mA
CHARGE PATH REGULATOR
Input Operating Voltage - CHRGRAW
VINCHRG
BATTMIN
–
5.6
V
Output Voltage Spread - VCHRG[2:0]=011, 1XX
Charge current 1.0 mA to 100 mA
Charge current 100 mA and above
BPSP
-1.5
-3.0
–
–
1.5
1.5
%
Current Limit Tolerance (38)
ICHRG[3:0] = 0001
ICHRG[3:0] = 0100
ICHRG[3:0] = 0110
All other settings
ILIM
68
360
500
–
80
400
560
–
92
440
620
15
mA
mA
mA
%
Start-up Overshoot - Unloaded
BPOS-START
v
–
2.0
%
Configuration
Input Capacitance - CHRGRAW(39)
Load Capacitor - BPSNS(39)
Cable length
CINCHRG
CBP
LC
–
10
–
2.2
–
–
–
47
3.0
µF
µF
m
THERMAL
Thermal Warning Lower Threshold
TWL
–
100
–
°C
Thermal Warning Higher Threshold
TWH
–
120
–
°C
Thermal Warning Hysteresis
TWHYS
–
3.0
–
°C
Thermal Protection Threshold
TPT
–
140
–
°C
BACKLIGHT LED DRIVERS
Absolute Accuracy - All current settings
–
–
15
%
Matching - At 400 mV, 21 mA
–
–
3.0
%
Leakage - LEDxDC[5:0] = 000000
–
–
1.0
µA
SIGNALING LED DRIVERS
Absolute Accuracy - All current settings
–
–
15
%
Matching - At 400 mV, 21 mA
–
–
10
%
Leakage - LEDxDC[5:0] = 000000
–
–
1.0
µA
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com