Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
MC13892
BUCK REGULATORS (CONTINUED)
Automatic Mode Change Threshold, Switchover between PFM and PWM
modes
AMCTH
–
50
–
mA
Efficiency
PFM, 0.9 V, 1.0 mA
PFM, 01.8 V, 1.0 mA
PWM Pulse Skipping, 1.25 V, 50 mA
PWM Pulse Skipping, 1.8 V, 50 mA
PWM, 1.25 V, 500 mA
PWM, 1.8 V, 500 mA
–
–
–
–
–
–
75
85
78
82
78
82
–
–
–
–
–
–
External Components, Used as a condition for all other parameters
Inductor for SW2, SW3, SW4(28)
Inductor for SW1(28)
Inductor Resistance
Bypass Capacitor for SW2, SW3, SW4(29)
Bypass Capacitor for SW1(30)
Bypass Capacitor ESR
Input Capacitor(31)
LSW234
LSW1
RWSW
COSW234
COSW1
ESRSW
-20%
-30%
–
-35%
-35%
5.0
1.0
2.2
1.5
–
10
2x22
–
4.7
+20%
+30%
0.16
+35%
+35%
50
–
µH
µH
µF
µF
m
µF
SWBST
Average Output Voltage(32)
3.0 V < VIN < 4.65 (1), 0 < IL < ILMAX(33)
VBST
Nom-5%
5.0
Nom+5%
V
Output Ripple
3.0 V < VIN < 4.65, 0 < IL < ILMAX, Excluding reverse recovery of
Schottky diode
VBSTPP
–
–
120
mVpp
Average Load Regulation
VIN = 3.6 V, 0 < IL < ILMAX
VBSTLOR
–
–
0.5
mV/mA
Average Line Regulation
3.0 V < VIN < 4.65 V, IL = ILMAX
VBSTLIR
–
–
50
mV
Notes
28.
Preferred device TDK VLS252012 series at 2.5x2.0 mm footprint and 1.2 mm max height
29.
Preferably 0603 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C1608X5R0J106M
30.
Preferably 0805 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C2012X5R0J226M
31.
Preferably 0603 style 6.3 V rated X5R/X7R type at 35% total make tolerance, temperature spread and DC bias derating such as TDK
C1608X5R0J475
32.
Output voltage when configured to supply VBUS in OTG mode can be as high as 5.75 V
33.
Vin is the low side of the inductor that is connected to BP.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com