Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Analog Integrated Circuit Device Data
Freescale Semiconductor
77
MC13892
Figure 18. Buck Regulator PWM (No Pulse Skipping) Efficiency
S W1 P WM No P ulse Ski pp ing mode Efficien cy V out = 0,725 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 040
5060
7080
90
10 0
Ilo a d (m A)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W4 P WM No P ul se S kipp ing mode Efficien cy V out = 1.800 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50
1 00 1 50 20 0 2 50 30 0 35 0 400
450 5 00 5 50 60 0 65 0 700
750 8 00
850 9 00
Il oa d (mA)
Vin = 3,0 00 V
Vin = 3,6 00 V
Vin = 4,6 50 V
S W2 P WM No P ulse Ski pp ing mode Efficien cy V out = 1.250 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 040
5060
7080
90
10 0
Ilo a d (m A)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W2 P WM No P ul se S kipp ing mode Efficien cy V out = 1.250 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50
1 00 1 50 20 0 2 50 30 0 35 0 400
450 5 00 5 50 60 0 65 0 700
750 8 00
850 9 00
Il oa d (mA)
Vin = 3,0 00 V
Vin = 3,6 00 V
Vin = 4,6 50 V
S W4 P WM No P ulse Ski pp ing mode Efficien cy V out = 1.800 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 040
5060
7080
90
10 0
Ilo a d (m A)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W4 P WM No P ul se S kipp ing mode Efficien cy V out = 1.800 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50
1 00 1 50 20 0 2 50 30 0 35 0 400
450 5 00 5 50 60 0 65 0 700
750 8 00
850 9 00
Il oa d (mA)
Vin = 3,0 00 V
Vin = 3,6 00 V
Vin = 4,6 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com