Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
MC13892
BUCK REGULATORS
Operating Input Voltage
PWM operation, 0 < IL < IMAX
PFM operation, 0 < IL < IMAX
Extended PWM or PFM operation(25)
VSWIN
3.0
2.8
UVDET
–
–
–
4.65
4.65
4.65
V
Output Voltage Range
Switcher 1
Switchers 2, 3, and 4
VSW1
0.6
0.6
–
–
1.375
1.850
V
Output Accuracy
PWM mode including ripple, load regulation, and transients (26)
PFM Mode, including ripple, load regulation, and transients
VSWLOPP
VSWLIPPI
Nom-50
Nom-50
Nom
Nom
Nom+50
Nom+50
mV
Maximum Continuous Load Current, IMAX, VINMIN<BP<4.65 V
SW1 in PWM mode (SWILIMB = 0, no max current limit)
SW1 in PWM Mode (SWILIMB = 1, no max current limit)(27)
SW2, SW3, SW4 in PWM mode (SWILIMB = 0, no max current limit)
SW2, SW3, SW4 in PWM mode (SWILIMB = 1, no max current limit)(27)
SW1, SW2, SW3, SW4 in PFM mode
ISW1
ISW2,3,4
ISW2,3,4
ISW1, 2, 3, 4
800
1050
800
800
–
–
–
–
–
50
–
–
–
–
–
mA
Maximum Peak Load Current, IPEAK, BP 4.2 V,
SW1 in PWM Mode (SWILIMB = 1, no max current limit)(27)
SW4 in PWM Mode (SWILIMB = 1, no max current limit)(27)
ISW1
ISW4
1250
1000
–
–
–
–
mA
Notes
25.
In the extended operating range the performance may be degraded
26.
Transient loading for load steps of ILmax/2
27.
In this mode, current limit protection is disabled for SW1 - SW4 by setting SWILIMB = 1. Therefore, the load on SW1-4 should not exceed
the conditions specified in the table above. Application needs to provide current limit protection circuitry either in battery or as pre-
regulated supply to BP.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com