Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 42Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 43Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 46Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
I2C INTERFACE
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
MC13892
INTERRUPT HANDLING
CONTROL
The MC13892 has interrupt generation capability to inform the system on important events occurring. An interrupt is signaled
to the processor by driving the INT pin high. This is true whether the communication interface is configured for the SPI or I2C.
Each interrupt is latched so that even if the interrupt source becomes inactive, the interrupt will remain set until cleared. Each
interrupt can be cleared by writing a 1 to the appropriate bit in the Interrupt Status register. This will also cause the interrupt line
to go low. If a new interrupt occurs while the processor clears an existing interrupt bit, the interrupt line will remain high.
Each interrupt can be masked by setting the corresponding mask bit to a 1. As a result, when a masked interrupt bit goes high,
the interrupt line will not go high. A masked interrupt can still be read from the Interrupt Status register. This gives the processor
the option of polling for status from the IC. The IC powers up with all interrupts masked except the USB low-power boot, so the
processor must initially poll the device to determine if any interrupts are active. Alternatively, the processor can unmask the
interrupt bits of interest. If a masked interrupt bit was already high, the interrupt line will go high after unmasking.
The sense registers contain status and input sense bits so the system processor can poll the current state of interrupt sources.
They are read only, and not latched or clearable.
Interrupts generated by external events are debounced, meaning that the event needs to be stable throughout the debounce
period before an interrupt is generated.
BIT SUMMARY
Table 12 summarizes all interrupt, mask, and sense bits associated with INT control. For more detailed behavioral
descriptions, refer to the related chapters.
Table 12. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger DebounceTi
me
Section
ADCDONEI
ADCDONEM
–
ADC has finished requested
conversions
L2H
0
page 100
ADCBISDONEI
ADCBISDONEM
–
ADCBIS has finished requested
conversions
L2H
0
page 100
TSI
TSM
–
Touch screen wake-up
Dual
30ms
page 100
CHGDETI
CHGDETM
CHGDETS
CHGENS
Charger detection sense is 1 if
detected
Charger state sense is 1 if active
Dual
32 ms
100 ms
page 89
USBOVI
USBOVM
USBOVS
VBUS over-voltage
Sense is 1 if above threshold
Dual
60
s
page 89
CHGREVI
CHGREVM
–
Charger path reverse current
L2H
1.0 ms
page 89
CHGSHORTI
CHGSHORTM
–
Charger path short circuit
L2H
1.0 ms
page 89
CHGFAULTI
CHGFAULTM
CHGFAULTS[1:0]
Charger fault detection
00 = Cleared, no fault
01 = Charge source fault
10 = Battery fault
11 = Battery temperature
L2H
10 ms
page 89
CHGCURRI
CHGCURRM
CHGCURRS
Charge current below threshold
Sense is 1 if above threshold
H2L
1.0 ms
page 89
CCCVI
CCCVM
CCCVS
CCCVI transition detection
Dual
100 ms
page 89
BPONI
BPONM
BPONS
BP turn on threshold detection.
Sense is 1 if above threshold.
L2H
30 ms
page 54
LOBATLI
LOBATLM
LOBATLS
Low battery detect
Sense is 1 if below LOBATL
threshold
L2H
0
page 54
BVALIDI
BVALIDM
BVALIDS
USB B-session valid
Sense is 1 if above threshold
Dual
L2H: 20-
24 ms
H2L: 8-
12 ms
page 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com