Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Analog Integrated Circuit Device Data
74
Freescale Semiconductor
MC13892
BUCK REGULATOR CORE
Table 45. PLL Main Characteristics
Parameter
Condition (70)
Min
Typ
Max
Units
Frequency Accuracy
–
–
100
ppm
Bias Current
PLLEN = 1
–
50
80
A
1 Buck Regulator active
–
100
150
A
2 Buck Regulators active
–
115
170
A
3 Buck Regulators active
–
130
190
A
4 Buck Regulators active
–
145
210
A
Start up Time
Cold Start
–
–
700
ns
PFM to PWM
–
–
600
ns
Notes
70.
Clock input to PLL is 32.768 kHz
Table 46. PLL Control Registers
Name
R/W
Reset Signal
Reset
State
Description
PLLEN
R/W
RESETB
0
1 = Forces PLL on
0 = PLL automatically enabled
PLLX[2:0]
R/W
RESET
100
Selects PLL multiplication factor
Table 47. Buck Regulators (SW1, 2, 3, 4) Output Voltage Programmability
Set point
SWx[4:0]
SWx Output, SWxHI = 0 (Volts)
SWx Output (71), SWxHI = 1 (Volts)
0
00000
0.600
1.100
1
00001
0.625
1.125
2
00010
0.650
1.150
3
00011
0.675
1.175
4
00100
0.700
1.200
5
00101
0.725
1.225
6
00110
0.750
1.250
7
00111
0.775
1.275
8
01000
0.800
1.300
9
01001
0.825
1.325
10
01010
0.850
1.350
11
01011
0.875
1.375
12
01100
0.900
1.400
13
01101
0.925
1.425
14
01110
0.950
1.450
15
01111
0.975
1.475
16
10000
1.000
1.500
17
10001
1.025
1.525
18
10010
1.050
1.550
19
10011
1.075
1.575
20
10100
1.100
1.600
21
10101
1.125
1.625
22
10110
1.150
1.650
23
10111
1.175
1.675
24
11000
1.200
1.700
25
11001
1.225
1.725
26
11010
1.250
1.750
27
11011
1.275
1.775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com