Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
Analog Integrated Circuit Device Data
Freescale Semiconductor
67
MC13892
POWER GATING SYSTEM
The Low-power Off states are provided to allow faster system booting from two pseudo Off conditions: Memory Hold, which
keeps the external memory powered for self refresh, and User Off, which keeps the processor powered up for state retention.
For reduced current drain in Low-power Off states, parts of the system can benefit from power gating to isolate the minimum
essentials for such operational modes. It is also necessary to ensure that the power budget on backed up domains are within the
capabilities of switchers in PFM mode. An additional benefit of power gating peripheral loads during system startup is to enable
the processor core to complete booting, and begin running software before additional supplies or peripheral devices are powered.
This allows system software to bring up the additional supplies and close power gating switches in the most optimum order, to
avoid problems with supply sequencing or transient current surges. The power gating switch drivers and integrated control are
included for optimizing the system power tree.
The power gate drivers could be used for other general power gating as well. The text herein assumes the standard application
of PWGT1 for core supply power gating and PWGT2 for Memory Hold power gating.
USER OFF POWER GATING
User Off configuration maintains PFM mode switchers on both the processor and external memory power domains.
PWGTDRV1 is provided for power gating peripheral loads sharing the processor core supply domain(s) SW1, and/or SW2, and/
or SW3. In addition, PWGTDRV2 is provided support to power gate peripheral loads on the SW4 supply domain.
In the typical application, SW1, SW2, and SW3 will all be kept active for the processor modules in state retention, and SW4
retained for the external memory in self refresh mode. SW1, SW2, and SW3 power gating FET drive would typically be connected
to PWGTDRV1 (for parallel NMOS switches); SW4 power gating FET drive would typically be connected to PWGTDRV2. When
Low-power Off mode is activated, the power gate drive circuitry will be disabled, turning off the NMOS power gate switches to
isolate the maintained supply domains from any peripheral loading.
The power gate switch driver consist of a fully integrated charge pump (~5.0 V) which provides a low-power output to drive
the gates of external NMOS switches placed between power sources and peripheral loading. The processor core(s) would
typically be connected directly to the SW1 output node so that it can be maintained by SW1, while any circuitry that is not essential
for booting or User Off operation is decoupled via the power gate switch. If multiple power domains are to be controlled together,
power gating NMOS switches can share the PWGT1 gate drive. However, extra gate capacitance may require additional time for
the charge pump gate drive voltage to reach its full value for minimum switch RDS_on.
Table 35. Switcher Control In Memory Hold
SWxMHMODE
Memory Hold Operational Mode (64)
0
Off
1
PFM
Notes
64.
For Memory Hold mode, an activated SWx should use the Standby set point as programmed
by SWxSTBY[4:0].
Table 36. Switcher Control In User Off
SWxUOMODE
User Off Operational Mode (65)
0
Off
1
PFM
Notes
65.
For User Off mode, an activated SWx should use the Standby set point as programmed by
SWxSTBY[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com