Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
MC13892
GEN1, GEN2, AND GEN3 REGULATORS
General purpose LDOs VGEN1, VGEN2, and VGEN3 are provided for expansion of the power tree to support peripheral
devices, which could include WLAN, BT, GPS, or other functional modules. All the regulators include programmable set points
for system flexibility. At the 1.2 V and 1.5 V set points, both VGEN1 and VGEN2 can be powered from an external buck regulator
(2.2 V typ) for an efficiency advantage, and reduced power dissipation in the pass devices. (Note that a connection to BP or the
external buck regulator as the input to the regulators is a hardwired board level commitment, and not changed on-the-fly).
VGEN3 has an internal PMOS pass FET which will support loads up to 50 mA. For higher current capability, drive for an
external PNP is provided. The external PNP configuration is offered to avoid excess on-chip power dissipation at high loads, and
large differential between BP and output settings. The input pin for the integrated PMOS option is shared with the base current
drive pin for the PNP option. The external PNP configuration must be committed as a hardwired board level implementation, while
the operating mode is selected through the VGEN3CONFIG bit after startup. The VGEN3 is not automatically enabled during the
power up sequence, allowing software to properly set the VGEN3CONFIG bit before the regulator is activated. The
recommended PNP device is the ON Semiconductor NSS12100XV6T1G, which is capable of handling up to 250 mW of
Table 57. VSD Voltage Control
Parameter
Value
Output Voltage
ILoad max
Input Supply
VSD[2:0]
000
1.80 V
250 mA
BP or External Switcher
001
2.00 V
250 mA
BP
010
2.60 V
250 mA
BP
011
2.70 V
250 mA
BP
100
2.80 V
250 mA
BP
101
2.90 V
250 mA
BP
110
3.00 V
250 mA
BP
111
3.15 V
250 mA
BP
Table 58. VGEN1 Control Register Bit Assignments
Parameter
Value
Function
ILoad max(75)
Input Supply
VGEN1[1:0]
00
output = 1.20 V
200 mA
BP or external
switcher
01
output = 1.50 V
200 mA
BP or external
switcher
10
output = 2.775 V
200 mA
BP
11
output = 3.15 V
200 mA
BP
Notes
75.
The max load given for VGEN1MODE = 0 and must take into account the capabilities of the external pass device and operating
conditions, to manage its power dissipation. Load capability is 3.0 mA for VGEN1MODE = 1.
Table 59. VGEN2 Control Register Bit Assignments
Parameter
Value
Function
ILoad max (76)
Input Supply
VGEN2[2:0]
000
output = 1.20 V
350 mA
BP or external
switcher
001
output = 1.50 V
350 mA
BP or external
switcher
010
output = 1.60 V
350 mA
BP
011
output = 1.80 V
350 mA
BP
100
output = 2.70 V
350 mA
BP
101
output = 2.80 V
350 mA
BP
110
output = 3.00 V
350 mA
BP
111
output = 3.15 V
350 mA
BP
Notes
76.
The max load is given for as VGEN2MODE = 0, and must take into account the capabilities of the external pass device and operating
conditions to manage its power dissipation. Load capability is 3.0 mA for VGEN2MODE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com