Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
Analog Integrated Circuit Device Data
66
Freescale Semiconductor
MC13892
BUCK REGULATORS
Operational modes of the Buck regulators can be controlled by direct SPI programming, altered by the state of the STANDBY
pins, by direct state machine influence, or by load current magnitude when so configured. Available modes include PWM with
No Pulse Skipping (PWM), PWM with Pulse Skipping (PWMPS), Pulse Frequency Mode (PFM), and Off. The transition between
the two modes PWMPS and PFM can occur automatically, based on the load current. Therefore, no specific control is required
to put the switchers in a Low-power mode. When the buck regulators are not configured in the Auto mode, power savings may
be achieved by disabling switchers when not needed, or running them in PFM mode if loading conditions are light enough.
SW1, SW2, SW3, and SW4 can be configured for mode switching with STANDBY or autonomously based on load current with
adaptive mode control (Auto). Additionally, provisions are made for maintaining PFM operation in USEROFF and MEMHOLD
modes to support state retention for faster startup from the Low-power Off modes for Warm Start or Warm Boot.
Table 34 summarizes the Buck regulator programmability for Normal and Standby modes.
In addition to controlling the operating mode in Standby, the voltage setting can be changed. The transition in voltage is
handled in a controlled slope manner, see Supplies, for details. Each switcher has an associated set of SPI bits for Standby mode
set points. By default the Standby settings are identical to the non-Standby settings, which are initially defined by PUMS
programming.
The actual operating mode of the switchers as a function of STANDBY pins is not reflected through the SPI. The SPI will read
back what is programmed in SWxMODE[3:0], not the actual state that may be altered as described previously.
Table 35 and Table 36 show the switcher mode control in the Low-power Off states. Note that a Low-power Off activated SWx
should use the Standby set point as programmed by SWxSTBY[4:0]. The activated switcher(s) will maintain settings for mode
and voltage until the next startup event. When the respective time slot of the startup sequencer is reached for a given switcher,
its mode and voltage settings will be updated the same as if starting out of the Off state (except that switchers active through a
Low-power Off mode will not be off when the startup sequencer is started).
Table 33. LDO Regulator Control (Internal Pass Device LDOs)
VxEN
VxSTBY
STANDBY
Regulator Vx
0
X
X
Off
1
0
X
On
1
1
0
On
1
1
1
Off
Notes
61.
This table is valid for regulators with an internal pass device
62.
STANDBY refers to a Standby event as described earlier
Table 34. Switcher Mode Control for Normal and Standby Operation
SWxMODE[3:0]
Normal mode(63)
Standby Mode(63)
0000
Off
Off
0001
PWM
Off
0010
PWMPS
Off
0011
PFM
Off
0100
Auto
Off
0101
PWM
PWM
0110
PWM
Auto
0111
NA
NA
1000
Auto
Auto
1001
PWM
PWMPS
1010
PWMPS
PWMPS
1011
PWMPS
Auto
1100
Auto
PFM
1101
PWM
PFM
1110
PWMPS
PFM
1111
PFM
PFM
Notes
63.
STANDBY defined as logical AND of STANDBY and STANDBYSEC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com