Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 52Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 53Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 54Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 55Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 56Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
MC13892
data that has been provided, so occasional refreshing is recommended to ensure that any drift influencing environmental factors
have not skewed the clock beyond desired tolerances.
COIN CELL BATTERY BACKUP
The LICELL pin provides a connection for a coin cell backup battery or supercap. If the main battery is deeply discharged,
removed, or contact-bounced (i.e., during a power cut), the RTC system and coin cell maintained logic will switch over to the
LICELL for backup power. This switch over occurs for a BP below the UVDET threshold with LICELL greater than BP. A small
capacitor should be placed from LICELL to ground under all circumstances.
Upon initial insertion of the coincell, it is not immediately connected to the on chip circuitry. The cell gets connected when the
IC powers on, or after enabling the coincell charger when the IC was already on. During operation, coincells can get damaged
and their lifetime reduced when deeply discharged. In order to avoid such, the internal circuitry supplied from LICELL is
automatically disconnected for voltages below the coincell disconnect threshold. The cell gets reconnected again under the same
conditions as for initial insertion.
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic
typically used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit. The coin cell
voltage is programmable through the VCOIN[2:0] bits. The coin cell charger voltage is programmable in the ON state where the
charge current is fixed at ICOINHI.
If COINCHEN=1 when the system goes into Off or User Off state, the coin cell charger will continue to charge to the predefined
voltage setting but at a lower maximum current ICOINLO. This compensates for self discharge of the coin cell and ensures that
if/when the main cell gets depleted, that the coin cell will be topped off for maximum RTC retention. The coin cell charging will
be stopped for the BP below UVDET. The bit COINCHEN itself is only cleared when an RTCPORB occurs.
Table 20. Coin cell Charger Voltage Specifications
VCOIN[2:0]
Output Voltage
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Table 21. Coin cell Charger Specifications
Parameter
Typ
Units
Voltage Accuracy
100
mV
Coin Cell Charge Current in On and Watchdog modes ICOINHI
60
A
Coin Cell Charge Current in Off and Low-power Off modes (User Off / Memory Hold) ICOINLO
10
A
Current Accuracy
30
%
LICELL Bypass Capacitor
100
nF
LICELL Bypass Capacitor as coin cell replacement
4.7
F
LICELL Bypass Capacitor
100
nF
LICELL Bypass Capacitor as coin cell replacement
4.7
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com