Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 27Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
MC13892
ACTIVE MODE DC
Output Voltage VOUT - (VNOM = 2.775), VINMIN < VIN < VINMAX, ILMIN < IL
< ILMAX
4.4
5.0
5.25
V
ADC
Converter Core Input Range
Single ended voltage readings
Differential readings
0.0
-1.2
–
–
2.4
1.2
V
Maximum Input Voltage(40)
Channels ADIN5, ADIN6 and ADIN7
–
–
BP
V
Integral Nonlinearity
–
–
3
LSB
Differential Nonlinearity
–
–
1
LSB
Zero Scale Error (Offset) after auto calibration
–
–
1
LSB
Full Scale Error (Gain) after auto calibration
–
–
5
LSB
Drift Over-temperature - Including scaling
–
–
1
LSB
Source Impedance
No bypass capacitor at input
Bypass capacitor at input 10 nF
–
–
–
–
5.0
30
K
TOUCH SCREEN
Plate Maximum Voltage X, Y(41)
–
–
VCORE
V
Plate Resistance X, Y
100
–
1000
Resistance Between Plates Settling Time - Contact
Position measurement
180
3.0
–
–
1200
5.5
µs
TOUCH SCREEN IN STAND ALONE MODE(42)
Max Load Current - Active Mode
–
–
20
mA
Output Voltage - 0.0<IL<20 mA
-3%
1.20
+3%
V
PSRR - IL=15 mA
50
–
–
dB
Bypass Capacitor ESR
0.0
–
0.1
Bypass Capacitance
0.65
2.2
+35%
µF
Notes
38.
Excludes spread and tolerance due to board and 100 mOhm sense resistor tolerances.
39.
An additional derating of 35% is allowed.
40.
ADIN5, 6 and 7 inputs must not exceed BP voltage.
41.
TS[xy][1,2] inputs must not exceed BP or VCORE
42.
All characteristics in this table are applicable only for non touch screen operation. This applies to Touch Screen in Standalone mode and
below.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com