Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 43Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 46Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
I2C INTERFACE
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
MC13892
Additional sense bits are available to reflect the state of the power up mode selection pins, as summarized in Table 13.
LOBATHI
LOBATHM
LOBATHS
Low battery warning
Sense is 1 if above LOBATH
threshold.
Dual
30
s
page 54
VBUSVALIDI
VBUSVALIDM
VBUSVALIDS
Detects A-Session Valid on VBUS
Dual
L2H: 20-
24 ms
H2L: 8-
12 ms
page 111
IDFLOATI
IDFLOATM
IDFLOATS
ID floating detect. Sense is 1 if
above threshold
Dual
90
s
page 111
IDGNDI
IDGNDM
IDGNDS
USB ID ground detect. Sense is 1
if not to ground
Dual
90
s
page 111
IDFACTORYI
IDFACTORYM
IDFACTORYS
ID voltage for Factory mode detect
Sense is 1 if above threshold
Dual
90
s
page 111
CHRGSE1BI
CHRGSE1BM
CHRSE1BS
Wall charger detect
Regulator short-circuit protection
tripped
Dual
L2H
1.0 ms
200
s
page 89
SCPI
SCPS
–
Short circuit protection trip
detection
L2H
0
page 71
BATTDETBI
BATTDETBM
BATTDETBS
Battery removal detect
Dual
30 ms
page 100
1HZI
1HZM
–
1.0 Hz time tick
L2H
0
page 49
TODAI
TODAM
–
Time of day alarm
L2H
0
page 49
PWRON1I
PWRON1M
PWRON1S
PWRON1 event
Sense is 1 if pin is high.
H2L
30 ms (1)
page 54
L2H
30 ms
page 54
PWRON2I
PWRON2M
PWRON2S
PWRON2 event
Sense is 1 if pin is high.
H2L
30 ms (47)
page 54
L2H
30 ms
page 54
PWRON3I
PWRON3M
PWRON3S
PWRON3 event
Sense is 1 if pin is high.
H2L
30 ms (47)
page 54
L2H
30 ms
page 54
SYSRSTI
SYSRSTM
–
System reset through PWRONx
pins
L2H
0
page 54
WDIRESETI
WDIRESETM
–
WDI silent system restart
L2H
0
page 54
PCI
PCM
–
Power cut event
L2H
0
page 54
WARMI
WARMM
–
Warm Start event
L2H
0
page 54
MEMHLDI
MEMHLDM
–
Memory Hold event
L2H
0
page 54
CLKI
CLKM
CLKS
Clock source change
Sense is 1 if source is XTAL
Dual
0
page 49
RTCRSTI
RTCRSTM
–
RTC reset or intrusion has
occurred
L2H
0
page 49
THWARNHI
THWARNHM
THWARNHS
Thermal warning higher threshold
Sense is 1 if above threshold
Dual
30 ms
page 71
THWARNLI
THWARNLM
THWARNLS
Thermal warning lower threshold
Sense is 1 if above threshold
Dual
30 ms
page 71
LPBI
LPBM
LPBS
Low-power boot interrupt
Dual
1.0 ms
page 89
Notes
47.
Debounce timing for the falling edge can be extended with PWRONxDBNC[1:0]; refer to Power Control System for details.
Table 12. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger DebounceTi
me
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com