Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
MC13892
STATIC ELECTRICAL CHARACTERISTICS
Table 5. Static Electrical Characteristics
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT CONSUMPTION
RTC Mode
All blocks disabled, no main battery attached, coin cell is attached to
LICELL (10)
RTC
IRTC
–
3.00
6.00
µA
OFF Mode (All blocks disabled, main battery attached) (10)
MC13892 core and RTC module
IOFF
–
10
30
µA
Power Cut Mode (All blocks disabled, no main battery attached, coin cell
is attached and valid) (10)
MC13892 core and RTC module
IPCUT
–
3.0
6.0
µA
ON Standby mode - Low-power mode
4 buck regulators in low-power mode, 3 regulators (11)
ISTBY
–
230
295
µA
ON Mode - Typical use case
4 buck regulators in PWMPS mode, 5 Regulators (12)
ION
–
459
1500
µA
I/O CHARACTERISTICS (13)
PWRON1, PWRON2, PWRON3, Pull-up (14)
Input Low, 47 kOhm
Input High, 1.0 MOhm
0.0
1.0
–
–
0.3
VCOREDIG
V
CHRGSE1B, Pull-up (15)
Input Low
Input High
0.0
1.0
–
–
0.3
VCORE
V
STANDBY, STANDBYSEC, WDI, ADTRIG, Weak Pull-down (16),(17)
Input Low
Input High
0.0
1.0
–
–
0.3
3.6
V
CLK32K, CMOS
Output Low, -100
A
Output High, 100
A
0.0
SPIVCC -0.2
–
–
0.2
SPIVCC
V
CLK32KMCU, CMOS
Output Low, -100
A
Output High, 100
A
0.0
VSRTC- 0.2
–
–
0.2
VSRTC
V
RESETB, RESETBMCU, Open Drain (18)
Output Low, -2.0 mA
Output High, Open Drain
0.0
0.0
–
–
0.4
3.6
V
Notes
10.
Valid at 25 °C only.
11.
VPLL, VIOHI, VGEN2
12.
VPLL, VIOHI, VGEN2, VAUDIO, VVIDEO
13.
SPIVCC is typically connected to the output of buck regulator: SW4 and set to 1.800 V
14.
Input has internal pull-up to VCOREDIG equivalent to 200 kOhm
15.
Input has internal pull-up to VCORE equivalent to 100 kOhm
16.
SPIVCC needs to remain enabled for proper detection of WDI High to avoid involuntary shutdown
17.
A weak pull-down represents a nominal internal pull down of 100 nA, unless otherwise noted
18.
RESETB & RESETBMCU have open drain outputs, external pull-ups are required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com