Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 56Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 57Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 58Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 59Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 60Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 61Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
Analog Integrated Circuit Device Data
60
Freescale Semiconductor
MC13892
GLOBAL SYSTEM RESTART
A global system reset can be enabled through the GLBRSTENB SPI bit. The global reset on the MC13892A/C versions is
active low so it is enabled when the GLBRSTENB = 0. In the MC13892B/D versions global reset is active high and it is enabled
when the GLBRSTENB = 1. When global reset is enabled and the PWRON3 button is held for 12 seconds, the system will reset
and the following actions will take place:
•
Power down
•
Disable the charger
•
Reset all the registers including the RTCPORB registers
•
Power back up after the difference between the 12 sec timer, and when the user releases the button as the power off time
(for example, if the power button was held for 12.1 s, then the time that the IC would be off would be only 100 mS)
If PWRON3 is held low for less than 12 seconds, it will act as a normal PWRON pin. This feature is enabled by default in the
MC13892A/C versions, and disabled by default in the MC13892B/D versions.
CLK32KMCU CLOCK DRIVER CONTROL THROUGH STATES
As described previously, the clocking behavior is influenced by the state machine is in and the setting of the clocking related
SPI bits. A summary is given in Table 23 for the clock output CLK32KMCU.
TURN ON EVENTS
When in Off mode, the MC13892 can be powered on via a Turn On event. The Turn On events are listed in Table 24. To
indicate to the processor what event caused the system to power on, an interrupt bit is associated with each of the Turn On
events. Masking the interrupts related to the turn on events will not prevent the part to turn on, except for the time of day alarm.
Power Button Press
PWRON1, PWRON2, or PWRON3 pulled low with corresponding interrupts and sense bits PWRON1I, PWRON2I, or
PWRON3I, and PWRON1S, PWRON2S, or PWRON3S. A power on/off button is connected here. The PWRONx can be
hardware debounced through a programmable debouncer PWRONxDBNC[1:0] to avoid the application to power up upon a very
short key press. In addition, a software debounce can be applied. BP should be above UVDET. The PWRONxI interrupt is
generated for both the falling and the rising edge of the PWRONx pin. By default, a 30 ms interrupt debounce is applied to both
falling and rising edges. The falling edge debounce timing can be extended with PWRONxDBNC[1:0] as defined in the following
table. The PWRONxI interrupt is cleared by software or when cycling through the Off mode.
Table 23. CLK32MCU Control Logic Table
Mode
DRM
CLK32KMCUEN
USEROFFCLK
Clock Output CLK32KMCU
Off, Memory Hold, Internal MEMHOLD PCUT
0
X
X
Disabled
1
X
X
Enabled
On, Cold Start, Warm Start, Watchdog, User Off Wait
0
0
X
Disabled
1
X
X
Enabled
0
1
X
Enabled
User Off
0
X
0
Disabled
1
X
X
Enabled
0
1
1
Table 24. PWRONx Hardware Debounce Bit Settings
Bits
State
Turn On Debounce (ms)
Falling Edge INT Debounce (ms)
Rising Edge INT Debounce (ms)
PWRONxDBNC[1:0]
00
0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
48.
The sense bit PWRONxS is not debounced and follows the state of the PWRONx pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com