Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
100 s/div
m
t
2
t
1
MuxSwitching
InputstoPGA
withBufferOFF
InputstoPGA
withBufferON
BufferActivated
20
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Feature Description (continued)
Together with the switching command of the multiplexer or internal switching, the current buffers (BUF) can be
activated to prevent such clamp currents. The buffers do not have clamps as long as the signal remains within
the supply boundaries. Figure 47 shows an example of the input signal settling for both conditions: without and
with the buffer activated.
Without the buffer, there is an obvious long settling, depending on signal and filter impedance. With the buffer
activated, only the amplifier has to settle and no distorting current is reflected into the signal source and filter; no
glitch is visible in this plot. The plot shows the resulting settling of the input signal for a positive and a negative
signal step as indicated in Figure 46; also shown are the SPI signal and the BUFA signal.
Figure 47. Example for Amplifier Settling Without (t1) and With (t2) Buffer (BUF) Activated
The buffers turn off automatically after a preset time (see Register 3, BUFTIM). They are activated from bit 5 (T)
within the command byte. They can also be triggered by an external pin (BUFTin on GPIO4). The BUFA bit is
active in conjunction with the buffer, indicating that the buffer is busy (see Figure 55).
Error detection circuits observe the signal path for signal overvoltage (IOVerr), amplifier output clipping (IARerr),
and gain overload (GAINerr). The Input Clamp Activation indicator ICAerr indicates that current was conducted
into the dynamic clamp circuit. These indicators help prevent misinterpretation of the analog signal and diagnose
critical input signal conditions, such as those that occur with integrating analog-to-digital converters that may hide
momentary overloads and present inaccurate results.
The buffers (BUF) prevent current flowing from the signal source with a compromise of offset voltage. As soon as
the buffers are turned off, the amplifiers settle back to high precision. For signal measurement without
(multiplexer) switching transients, the buffer is not used.
7.3.1.4 Input Protection
The input terminals are protected with internal diodes connected to VSP and VSN. If the input signal voltage
exceeds the power-supply voltage (VSP and VSN), limit the current to less than 10 mA to protect the internal
clamp diodes. This current-limiting can generally be accomplished with a series input resistor.
7.3.1.5
EMI Susceptibility
Amplifiers vary in susceptibility to electromagnetic interference (EMI), but good layout practices play a critical
role. EMI can generally be identified as a variation in offset voltage shifts. The PGA280 has been specifically
designed to minimize susceptibility to EMI by incorporating an internal low-pass filter. Additional EMI filters may
be required next to the signal inputs of the system, as well as known good practices such as using short traces,
low-pass filters, and damping resistors combined with parallel and shielded signal routing, depending on the end
system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com