Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
A3
A1
A2
Gain
Clamp
Clamp
MUX
SwitchNetwork,
CurrentSource
andSink,
andBuffer
DigitalI/O
Error:
Inputover-voltage
Error:
Inputampsaturation
Error:
Outputamplifier
Error:
Gainnetwork
overload
VSP
VSOP
VSN
VSON
VSP
VSN
VSP
VSN
VSOP
VSON
Error:
Clampcondition
22
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.9 Error Detection
The PGA280 is designed for high dc precision and universal use, but the device also allows monitoring of signal
integrity. The device contains an input switch network for signal tests and sense points that can indicate critical
conditions. These added features support fully automated system setup and diagnostic capability. Out-of linear
range conditions are detected and stored in the Error Status Register (Register 4) until reset. The input switches
shown in Figure 44 can be used to short the input to GND, disconnect the signal, insert a 100µA test current,
discharge external capacitance, and switch to a ground (VSON)-referenced signal measurement to observe the
signal at the pin (versus the differential measurement). Figure 49 illustrates the diagnostic points available for
error detection in the device architecture.
All switches are controlled through the SPI. The error signals can be combined using a logic OR function to an
output pin and eventually be used as an error interrupt signal. Errors are normally latched, unless the LTD bit
(latch disable) is set.
The error sensors are filtered with a suppression delay (Register 11). These error signals are normally
suppressed during the buffer (BUFA) active time.
NOTE: The signal path is observed for possible limitations; flags are stored and indicated in Register 4.
Figure 49. Diagnostic Points for Error Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com