Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
GPO/ECS6/OSCout
GPO/ECS5/BUFout
GPO/ECS4
GPO/ECS3/EFout
GPO/ECS2/MUX2
GPO/ECS1/MUX1
GPO/ECS0/MUX0
GPI/SYNCin
GPI
GPI/BUFTin
GPI
GPI
GPI
GPI
28
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Programming (continued)
7.5.2.2.2
GPIO Pin Reference
As shown in Figure 54, the PGA280 has seven multi-function pins labeled GPIO0 through GPIO6. These pins
can function as general purpose input-output (GPIO) pins either to read a digital input or to output a digital signal
as an interrupt or control. GPIO functions are controlled through Register 5 and Register 8.
These pins can also be programmed to have additional special functions for the PGA280. Each of these seven
pins can be used as an output for the extended chip select function (ECS), using the PGA280 to redirect the SPI
communications to other connected devices. CS Configuration Mode is enabled through Register 9. Additionally,
Register 2 controls the clock polarity (CP) of each ECS. For each bit set to 1, a positive edge of SCLK follows
CS (CP = 0); for each bit set to 0, a negative edge of SCLK follows CS (CP = 1).
Together with the GPIO and ECS functions, the seven pins can perform more specialized input and output tasks
as controlled by Register 12, the Special Functions Register.
GPIO0, GPIO1, and GPIO2 can be used to control an external multiplexer. If the MUX function is enabled in the
first three bits of Register 12, the output value on the MUX pins is controlled through Register 0. This
configuration allows for simultaneous control of the PGA280 gain and external multiplexer settings by writing to a
single register.
GPIO3 can be used to output an error flag. As with bit 3 of Register 4, this option would be the logical OR of the
error bits in Register 10 (IARerr, ICAerr, OUTerr, GAINerr, and IOVerr).
GPIO4 can be used as an input to trigger the current buffer. The low-to-high edge of a pulse starts the buffer with
a delay of three to four clock cycles. If held high, the buffer [BUFA] remains active. The active time is extended
by a minimum of three to four clock cycles in addition to the time set with FLAGTIM.
GPIO5 can be configured as an output to indicate a buffer active condition. The polarity is controlled by BUFApol
of bit 5 in Register 10.
GPIO6 can be configured as either an output or an input with the Special Functions Register. With Bit 7,
OSCOUT connects the internal oscillator to GPIO6. With Bit 6, SYNCIN allows an external oscillator to provide
the master clock to the PGA280.
To use any of these functions, Register 8 must first be set to 0 for input or to 1 for an output (for GPIO, ECS, or
special function).
Once set, any 1s in Register 9 supersede the GPIO function for the related pin, allowing for CS configuration.
Likewise, any 1s in Register 12 supersede the GPIO function and CS configuration, allowing for any of the pin-
specific special functions to operate.
Figure 54. Special Function to Pin Assignment Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com