Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments INA333 Datasheet HTML 35Page - Texas Instruments INA333 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
32
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
7.6.1 Register 0: Gain and External MUX Address (address = 00h) [reset = 0000 0000b]
Figure 56. Register 0: Gain and External MUX Address
(Read = 0x8000; Write with BUF Off = 0x40, Write with BUF On = 0x60)
7
6
5
4
3
2
1
0
G4
G3
G2
G1
G0
MUX2
MUX1
MUX0
0
0
0
0
0
0
0
0
Bit Descriptions:
G4: Output stage gain setting. This setting is independent of the gain selected in the input stage and acts as
a multiplication factor to the input gain.
0 = 1 V/V output gain (power-on default)
1 = 1.375 V/V output gain (= 1
⅜ V/V)
G[3:0]: Input stage gain setting. Refer to Table 2.
MUX[2:0]: These ports can be used to control an external multiplexer.
Table 2. Input Stage Gain Settings
G3
G2
G1
G0
Gain
0
0
0
0
1/8
0
0
0
1
1/4
0
0
1
0
½
0
0
1
1
1
0
1
0
0
2
0
1
0
1
4
0
1
1
0
8
0
1
1
1
16
1
0
0
0
32
1
0
0
1
64
1
0
1
0
128
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved
7.6.2 Register 1: Software Reset Register (address = 01h) [reset = 0000 0000b]
Figure 57. Register 1: Software Reset Register
(Write = 0x4101; Write with Checksum = 0x4101DD)
7
6
5
4
3
2
1
0
—
—
—
—
—
—
—
SftwrRst
0
0
0
0
0
0
0
0
Bit Descriptions:
SftwrRst: Software Reset.
Setting this bit to 1 generates a system reset that has the same effect as a power-on reset. All registers are
reset to the respective default values; this bit self-clears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com