Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
BufferOffsetVoltage(mV)
30
25
20
15
10
5
0
1.20
1.15
1.19
1.05
1.00
0.95
0.90
0.85
0.80
-50
-25
0
50
100
150
Temperature( C)
°
25
75
125
10 s/div
m
DiffSignalOutput
(RightScale)
INN1
(INP1toGND)
(LeftScale)
ErrorFlag(NotLatched)
10 s/div
m
VOP(1V/div)
VON(1V/div)
INN1(5V/div)
EF_OUT
ERR
VSON(GND)
G=1,VSOP(5V)
10 s/div
m
DiffSignal
Output
(RightScale)
INN1
(LeftScale)
ErrorFlag
10 s/div
m
DiffSignal
Output
(RightScale)
INN1Single-Ended
(INP1toGND)
(LeftScale)
ErrorFlag
14
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = +25°C, VSP = +15V, VSN = –15V, VSON = 0V, VSOP = 5V, DVDD = +3V, DGND = 0V, RL = 2.5kΩ to VSOP/2 =
VOCM, G = 1V/V, using internal clock, BUF inactive, VCM = 0V, and differential input and output, unless otherwise noted.
Figure 38. Step Response (G = 128)
Figure 39. Step Response (G = 8)
Figure 40. Step Response (G = 1)
Figure 41. Output Overload Recovery
Figure 42. Oscillator Frequency vs
Temperature
Figure 43. Input Current Buffer Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com