Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments INA333 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
31
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
Blank register bits are ignored and undefined.
(2)
Registers 13 to 15 are for test purposes; read-only.
(3)
Power-on reset values are SftwrRst values.
(4)
Details for GPIO pin assignments are shown in Figure 54.
7.6 Register Map
Table 1. Register Map(1)
REGISTER
(Decimal,
[Hex])
(2)
aaaa
(Binary)
R/W
B7
B6
B5
B4
B3
B2
B1
B0
DESCRIPTION
RESET VALUES
(3)
0
0000
W/R
G4
G3
G2
G1
G0
MUX2
MUX1
MUX0
Gain and optional MUX register
0000 0000b
1
0001
W
SftwrRstNot
e2x
Write-only register, soft reset, write 1
0000 0000b
2
0010
W/R
CP6
CP5
CP4
CP3
CP2
CP1
CP0
SPI-MODE selection to GPIO-pin
0000 0000b
3
0011
W/R
BUFTIM5
BUFTIM4
BUFTIM3
BUFTIM2
BUFTIM1
BUFTIM0
Set BUF time-out
0001 1001b
4
0100
W/R
CHKerr
IARerr
BUFA
ICAerr
EF
OUTerr
GAINerr
IOVerr
Error Register; reset error bit: write 1
0000 0000b
5
0101
W/R
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
GPIO Register Data force out or sense
0000 0000b
6
0110
W/R
SW-A1
SW-A2
SW-B1
SW-B2
SW-C1
SW-C2
SW-D12
Input switch control 1
0110 0000b
7
0111
W/R
SW-F1
SW-F2
SW-G1
SW-G2
Input switch control 2
0000 0000b
8
1000
W/R
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
Configure pin to out = 1 or in = 0
0000 0000b
9
1001
W/R
ECS6
ECS5
ECS4
ECS3
ECS2
ECS1
ECS0
Extended CS mode (1 = enable)
0000 0000b
10 [A]
1010
W/R
MUX-D dis
IARerr dis
BUFAPol at pin
ICAerr dis
ED BUFA
suppress
OUTerr dis
GAINerr dis
IOVerr dis
Various configuration settings
0000 0000b
11 [B]
1011
W/R
LTD
FLGTIM3
FLGTIM2
FLGTIM1
FLGTIM0
Reserved
CHKsumE
Various configuration settings
0001 0000b
12 [C]
1100
W/R
OSCout
SYNCin
BUFAout
BUFTin
EFout
MUX2
MUX1
MUX0
Special function register
0000 0000b
PIN
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
Register bit reference to GPIO pin
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com