Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
R
50
2
W
R
50
1
W
VOP
VON
R
100
4
W
R
100
3
W
VOP
VON
C
10 nF
1
C
10 nF
2
C
10 nF
3
21
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.6 Output Stage
The output stage power is connected to the low-voltage supply (normally 3 V or 5 V) that is used by the
subsequent signal path of the system. This design prevents overloading of the low-voltage signal path.
The output signal is fully differential around a common-mode voltage (VOCM). The VOCM input pin is typically
connected to midsupply voltage to offer the widest signal amplitude range. VOCM is a high-impedance input that
requires an external connection to a voltage within the supply boundaries. The usable voltage range for the
VOCM input is specified in the Electrical Characteristics and must be observed.
The output stage can be set to a gain of 1 V/V and 1
⅜ V/V. THe output stage is set to 1 V/V after a device reset
or power-on, and is controlled by the gain multiplication factor.
Both signal outputs, VOP and VON, swing symmetrically around VOCM. The signal is represented as the voltage
between the two outputs and does not require an accurate VOCM. Therefore, the signal output does not include
ground noise or grounding errors. Noise or drift on VOCM is normally rejected by the common-mode rejection
capability of the subsequent signal stage.
The signal that passes through the output stage is internally monitored for two error conditions: clipping of the
signal to the supply rail and overcurrent. In fault conditions, an error flag bit is set (OUTerr).
7.3.1.7 Output Filter
The PGA280 uses chopper technology for excellent dc stability over temperature and life of operation. The
device is designed to avoid 1/f frequency (flicker) noise, and therefore enables both high resolution and high
repeatability for dc measurements. While the chopper noise components are internally filtered, a minimal residual
amount of high-frequency switching noise appears at the signal outputs. An external, passive, low-pass filter after
the output stage is recommended to remove this switching noise; Figure 48 shows two examples. This filter can
also be used to isolate or decouple the charge switching pulses of an A/D converter input.
Figure 48. Typical Examples of Recommended Output Filters
7.3.1.8 Single-Ended Output
The output stage of PGA280 is designed for highest precision. The fully-differential output avoids grounding
errors and noise, and delivers twice the signal amplitude compared to single-ended signals. However, if desired,
the output can be taken single-ended from one of the output pins referred to the voltage at the VOCM pin. The
output stage errors now relate to half the signal amplitude and half the signal gain. The unused output is
unconnected, but not disconnected from error detection. The usable voltage range for the VOCM input is
specified in the Electrical Characteristics and must be observed: the output swing (of both outputs) should not
saturate to the supply. Separate specifications for offset voltage and drift indicate higher offset voltage at lower
gains, because some error sources are not cancelled in the output stage connected in single-ended mode. Note
that the gain is one-half of the gain set in reference to the gain table (see Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com