Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
PGA280
GPIO
CS
SCLK
MOSI
MISO
CS
SCLK
SDI
SDO
CS
SCLK
SDI
SDO
CS
SCLK
SDI
SDO
SPI
Master
Addressing
MUX0
MUX1
MUX2
External
MUX
A/D
Converter
ShiftRegister
orDAC
ExtendedChip-Select
ExternalMUXControl
OR
25
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Device Functional Modes (continued)
This CS pin (ECS) stays low as long as CS to the PGA280 is held low. The PGA280 SDO is turned to a high-
impedance output (and requires external termination). The PGA280 ignores both clock and data signals during
this time. Therefore, data can be read and written to another device selected by the ECS port. Communication is
terminated by setting CS (to the PGA280) to high; this toggle also sets the port ECS to high and terminates the
I/O transfer with the other device.
Figure 50 shows the timing for the GPIO-generated ECS pulse in clock mode SPOL = 1 (SCLK is high after CS
asserts low). Register 2 allows activating SPOL = 0 by writing a 1 to the CP bit, according to SPI mode1. The
initial setting is SPOL = 1.
Mode1; set bit to 1: a positive edge of SCLK follows after ECS asserts low (CP = 0). See the red edge of the
GPIO trace in Figure 50.
Mode2; set bit to 0: a negative edge of SCLK follows after ECS asserts high (CP = 1). See the black edge of the
GPIO trace in Figure 50.
The negative edge of SCLK senses data. The positive edge of SCLK sets data on the data out line (if
applicable).
For SPI modes 0 or 3, SCLK must be inverted to indirectly sense data with the positive edge of SCLK. Figure 51
shows an example of connecting additional SPI devices, addressed by the ECS. The OR connection for SDO
can be a wired-OR if all devices provide a 3-state output option with the respective device CS (ECS) set high.
The SPI interface allows clock rates higher than 10 MHz. Clock rates less than 10 MHz are recommended when
using the ECS mode for less critical printed circuit board (PCB) layout and timing. Observe delays and distortion
generated from isolation couplers. External drivers may be required to drive long and terminated cables.
With only four isolation couplers (digital galvanic isolation) connected in the SPI wires, the SPI can provide
galvanic isolation for input and output channels. Figure 51 shows a block diagram of how to connect SPI devices
selected by the ECS (extended CS) signal.
Isolation couples or long SPI cables in harsh industrial environment are sensitive to impairments. For improved
communication integrity, the communication can be extended with a checksum byte.
Figure 51 shows an example of the GPIO pins used for both the extended chip select and special functions.
The chip select (CS) is connected to the PGA280 alone. The serial data input (SDI) and the serial clock (SCLK)
are shared connections, and are connected to all devices [PGA280, A/D converter, and the shift register or
digital-to-analog converter (DAC)]. The serial data output comes from each of the devices and are OR-connected
or sent to an OR gate, to be received by the master. An OR gate is only required if the connected devices do not
support 3-state operation. The PGA280 provides a 3-state output if not active. Pullup resistors may be required.
As mentioned previously, the GPIO pins are used to control an external multiplexer. In Figure 51, the three pins
from GPIO0, GPIO1, and GPIO2 are used as a MUX address. Two other GPIO pins are used as ECS to enable
communications with other slave devices.
Figure 51. Example for Connecting Two Additional SPI Devices Selected by ECS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com