Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
BUFA
SDI
SCLK
CS
2.5 s/div
m
30
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Programming (continued)
7.5.3 GPIO Configuration
Register priority: If GPIO pins are used, follow this procedure:
First, configure individual I/O bits as either inputs or outputs (Register 8); 0 = input, 1 = output. Bits B0 to B6
are connected to GPIO0 to GPIO6, respectively.
Then, configure individual bits to the desired function. When configuring for output, set the Data Register
(Register 5) first to avoid glitches.
To configure the GPIO pins for the CS function (see Register 9):
•
Configure ECS (0 = disable, 1 = enable). If set to 1 and the I/O configuration is set to output as well, this pin
becomes ECS. Details of this configuration are described in GPIO Operation Mode, CS Mode.
•
Configure for clock polarity (CP), relative to ECS in Register 2; see Register 9. Set this bit to 0: a negative
edge of SCLK follows ECS (CP = 1). Set this bit to 1: a positive edge of SCLK follows ECS (CP = 0).
•
Configure for special function (Register 12): Special function signals can be assigned to the GPIO pins in this
manner: 0 = disable, 1 = enable. Pins xxout must be configured as outputs, and xxin must be configured as
inputs in Register 8.
•
GPIO data to force (Register 5) GPIO data (1 = low, 0 = high). Forcing a bit, which is assigned to a special
function, may be stored until GPIO is enabled.
NOTE
Data may be stored in internal registers and therefore may show on a given GPIO pin
after the configuration is changed.
7.5.4 Buffer Timing
The buffer is used to isolate fast transients from the overload protection of the high-precision amplifier. The buffer
avoids current into the overload clamp. Fast transients result from the switching transient of a signal multiplexer
or a gain change; these transients cannot be filtered in the signal path.
The buffer can be turned on by software using the T bit in the SPI command or by activating a GPIO pin. The on-
time of the buffer is set in Register 3 (BUFTIM).
If controlled by software command, the buffer turns active (indicated by BUFA shown in Figure 55) with the last
falling edge of SCLK.
Controlling an external MUX through Register 0 activates the GPIO pins after the rising edge of CS, providing an
extra delay.
Alternatively, the buffer can be controlled by GPIO4, after configuration (Register 8, bit 4 = 0, and 0x4C10). A
rising edge triggers the buffer with a delay of three to four clock cycles. If held high, the buffer [BUFA] remains
active. The active time is extended by a minimum of three to four clock cycles plus FLAGTIM.
The buffer active condition can be observed at GPIO5, after configuration for output and special function
(0x4820, 0x4C20). The time reference is the end of CS. The buffer is turned on with the 16th falling edge of the
SCLK and writing to Register 0 (0x6018). BUFA stays high for 6 μs (BUFTIM0) after CS.
Figure 55. BUFA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com