Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 4 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Terminals are diode-clamped to the power-supply (VON and VOP) rails. Signals that can swing more than 0.5V beyond the supply rails
must be current-limited.
(3)
Short-circuit to VSON or VSOP, respectively, DGND or DVDD.
6 Specifications
6.1
Absolute Maximum Ratings
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
VSN to VSP
40
V
VSON to VSOP, and DGND to DVDD
6
V
Signal input terminals, voltage(2)
VSN – 0.5 to VSP + 0.5
V
Signal input terminals, current(2)
±10
mA
Output short-circuit(3)
Continuous
Operating temperature
–55 to +140
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
ESD ratings
Human body model (HBM)
2000
V
(1)
RTI: Referred to input.
(2)
Specified by design; not production tested.
(3)
See Application Information section and typical characteristic graphs.
(4)
300-hour life test at +150°C demonstrated randomly distributed variation in the range of measurement limits.
6.2 Electrical Characteristics
at TA = 25°C, VSP = 15 V, VSN = –15 V, VSON = 0 V, VSOP = 5 V, DVDD = 3 V, DGND = 0 V, RL = 2.5 kΩ to VSOP/2 =
VOCM, G = 1 V/V, using internal clock, BUF inactive, VCM = 0 V, and differential input and output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage, RTI(1)
Gain = 1 V/V, 1.375 V/V
±50
±250
µV
Gain = 128 V/V
±3
±15
dVOS/dT
vs temperature(2)
TA = –40°C to +105°C
Gain = 1 V/V
±0.2
±0.6
μV/°C
Gain = 128 V/V
±0.03
±0.17
PSR
vs power supply, RTI
VSP – VSN = 10 V and 36 V,
gain = 1 V/V, 128 V/V
±0.3
±3
µV/V
dVOS/df
vs external clock, RTI(3)
0.8 MHz to 1.2 MHz, gain = 1 V/V
±0.05
μV/kHz
0.8 MHz to 1.2 MHz, gain = 128 V/V
±0.001
Long-term stability(4)
Gain = 128 V/V
3.5
nV/month
Input impedance
Single-ended and differential
> 1
G
Ω
Input capacitance, IN1 / IN2
Single-ended
12 / 8
pF
Input voltage
Gain = 1 V/V, gain = 128 V/V, TA = –40°C to +105°C
(VSN) + 2.5
(VSP) – 2.5
V
CMR
Common-mode rejection, RTI
Gain = 1 V/V
±0.3
±3
μV/V
Gain = 128 V/V
±0.08
±0.8
Gain = 128 V/V, TA = –40°C to +105°C
±0.1
±1.5
SINGLE-ENDED OUTPUT CONNECTION
VOS
Offset voltage, RTI, SE out
Gain = 1 V/V, 1.375 V/V, SE
±120
μV
Gain = 1V/V
±3
dVOS/dT
vs temperature, SE out
Gain = 1 V/V, SE, TA = –40°C to +105°C
0.6
μV/°C
Gain = 64 V/V, SE, TA = –40°C to +105°C
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com