Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments INA333 Datasheet HTML 35Page - Texas Instruments INA333 Datasheet HTML 36Page - Texas Instruments INA333 Datasheet HTML 37Page - Texas Instruments INA333 Datasheet HTML 38Page - Texas Instruments INA333 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
35
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
7.6.10 Register 9: CS Configuration Mode Register (address = 09h) [reset = 0000 0000b]
Figure 65. Register 9: CS Configuration Mode Register
(Read = 0x8900, Write = 0x49)
7
6
5
4
3
2
1
0
—
ECS6
ECS5
ECS4
ECS3
ECS2
ECS1
ECS0
0
0
0
0
0
0
0
0
Bit Descriptions:
ECS[6:0]: Configure CS function to respective pins. See CS Mode, in the GPIO Operation Mode section (a
single byte command applies).
7.6.11 Register 10: Configuration Register 1 (address = 0Ah) [reset = 0000 0000b]
Figure 66. Register 10: Configuration Register 1
(Read = 0x8A00, Write = 0x4A)
7
6
5
4
3
2
1
0
MUX-D
IARerr
BUFA Pol
ICAerr
ED BUFA
OUTerr
GAINerr
IOVerr
0
0
0
0
0
0
0
0
Bit Descriptions:
MUX-D: Set this bit to 1 to disable MUX control from Register 0; set to 0 after reset.
BUFA Pol: Controls BUF active indication polarity. Set to 0 for high = active; set to 1 for low = active.
ED BUFA Suppress: Error detection is normally disabled during BUFA active. Errors are not suppressed if
ED BUFA = 1.
Error flags are logic OR-combined and connected to the EFout in Register 12 as well as connected to the
GPIO3 output pin if configured. The EFout signal is active high. Assigned errors can be disabled individually
using this OR function, with the exception of CHKerr, by writing a 1 to the error bit position. [IARerr; ICAerr;
OUTerr; GAINerr; IOVerr]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com