Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
3.0
2.5
2.0
1.5
1.0
0.5
0
I VSP
Q
I VSOP
Q
-50
-25
0
50
100
150
Temperature( C)
°
25
75
125
-
50
-
25
0
50
100
150
Temperature( C)
°
25
75
125
90
85
80
75
70
65
60
1.0
0.9
0.8
0.7
0.6
0.5
0.4
I
(noSPI)
DVDD
I
(withSPI)
DVDD
InputOffsetCurrent(nA)
70
60
50
40
30
20
10
0
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
-50
-25
0
50
100
150
Temperature( C)
°
IN1_I
_1
IN1_I
_128
IN1_
_1
IN1_I
_128
BIAS
BIAS
OFFSET
I
OFFSET
25
75
125
I
OFFSET
I
BIAS
BiasCurrent(nA)
80
70
60
50
40
30
20
10
0
BiasCurrent(nA)
90
80
70
60
50
40
30
20
10
0
11
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = +25°C, VSP = +15V, VSN = –15V, VSON = 0V, VSOP = 5V, DVDD = +3V, DGND = 0V, RL = 2.5kΩ to VSOP/2 =
VOCM, G = 1V/V, using internal clock, BUF inactive, VCM = 0V, and differential input and output, unless otherwise noted.
Figure 20. Input Bias Current Distribution (G = 128)
Figure 21. Input Bias Current Distribution (G = 1)
Figure 22. Input Offset Current Distribution (G = 1, G = 128)
Figure 23. Input Bias Current and Input Offset Current
vs Temperature
Figure 24. Quiescent Current From Supplies (VSP and
VSOP) vs Temperature
Figure 25. Digital Supply Current
With and Without SPI Communication
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com