Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VSP = 15 V, VSN = –15 V, VSON = 0 V, VSOP = 5 V, DVDD = 3 V, DGND = 0 V, RL = 2.5 kΩ to VSOP/2 =
VOCM, G = 1 V/V, using internal clock, BUF inactive, VCM = 0 V, and differential input and output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBP
Gain bandwidth product(3)
G > 4
6
MHz
SR
Slew rate(3), 4-VPP output step
G = 1, CL = 100 pF, BUF On
1
V/μs
G = 8, CL = 100 pF
2
V/μs
G = 128, CL = 100 pF
1
V/μs
tS
Settling time(3)
To 0.01%
G = 8, VO = 8-VPP step
20
μs
G = 128, VO = 8-VPP step
40
μs
To 0.001%
G = 8, VO = 8-VPP step
30
μs
G = 128, VO = 8-VPP step
40
μs
Overload recovery, input(3)
0.5 V over supply, G =
⅛ to 128
8
μs
Overload recovery, output(3)
±5.5-VP input, G = 1 V/V
6
μs
INPUT MULTIPLEXER (Two-Channel)
Crosstalk, INP1 to INP2
At dc, gain = 128 V/V
< –130
dB
Series-resistance(3)—see
Figure 44
600
Ω
Switch on-resistance(3)
450
Ω
Current source and sink(3)
To GND
70
95
125
μA
INPUT CURRENT BUFFER (BUF)
VOS
Offset voltage(3)
Buffer active
15
mV
DIGITAL I/O (Supply: 2.7 V to 5.5 V)
Input (logic low threshold)
0
(DVDD)x0.2
V
Input (logic high threshold)
0.8x(DVDD)
DVDD
V
Output (logic low)
IOUT = 4 mA, sink
0.7
V
Output (logic high)
IOUT = 2 mA, source
DVDD – 0.5
V
SCLK, frequency
10
MHz
POWER SUPPLY: Input Stage (VSN – VSP)
Specified voltage
TA = –40°C to +105°C
10
36
V
Operating voltage
10 to 38
V
IQ
Quiescent current
TA = –40°C to +105°C
VSP
2.4
3
mA
VSN
2.1
3
mA
POWER SUPPLY: Output Stage (VSOP – VSON)
Specified voltage
VSP – 1.5 V
≥ VSOP, TA = –40°C to +105°C
2.7
5.5
V
Voltage for VSOP, upper limit
(VSP – 2 V) > VOCM, (VSP – 5 V) > VSON
(VSP)
V
Voltage for VSON
(VSP – 2 V) > VOCM, VSP
≥ VSOP
(VSN) to
(VSP) – 5
V
IQ
Quiescent Current
VSOP, TA = –40°C to +105°C
0.75
1
mA
POWER SUPPLY: Digital (DVDD – DGND)
Specified voltage
TA = –40°C to +105°C
2.7
5.5
V
Voltage for DVDD, upper limit
(VSP) – 1
V
Voltage for DGND, lower limit
(VSN)
V
IQ
Quiescent current(3)
Static condition, no external load,
DVDD = 3 V, TA = –40°C to +105°C
0.07
0.13
mA
TEMPERATURE
Specified temperature
–40
105
°C
Operating temperature
–55
140
°C
θJA
Thermal resistance
SSOP, High-K board, JESD51
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com