Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 36 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments INA333 Datasheet HTML 35Page - Texas Instruments INA333 Datasheet HTML 36Page - Texas Instruments INA333 Datasheet HTML 37Page - Texas Instruments INA333 Datasheet HTML 38Page - Texas Instruments INA333 Datasheet HTML 39Page - Texas Instruments INA333 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
36
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
7.6.12 Register 11: Configuration Register 2 (address = 0Bh) [reset = 0001 0000b]
Figure 67. Register 11: Configuration Register 2 (Read = 0x8B00, Write = 0x4B)
7
6
5
4
3
2
1
0
LTD
—
FLGTIM3
FLGTIM2
FLGTIM1
FLGTIM0
Reserved
CHKsumE
0
0
0
1
0
0
0
0
Bit Descriptions:
LTD: Individual error signals are not latched if this bit is set to 1. With EFout activated on GPIO3, the error
condition can be observed in real time, but error suppression time is applied. Clear errors in Register 4 after
writing 1 to this bit.
FLAGTIM0 to 3: Choose the number of clock cycles (nominally 1 MHz) according to Table 3 for suppression
of the error flags in Register 4. The timeout starts after the end of BUFA. Alternatively, the timeout can start
with the event if the buffer is not active or Register 10, bit 3 is set high. Allow delayed activation for the
individual error sources in the microsecond range.
CHKsumE: Checksum is enabled by writing a 1 to bit 0. A correct checksum is always required for enabling.
After this bit is set, all communication to the device requires a valid checksum, until 0 is written to this bit.
Alternatively, a software reset [0x4101DD] or power-on reset can be performed to reset this function.
(1)
Clock cycles refer to internal clock or SYNCin; nominally 1 MHz.
Table 3. Error Flag Suppression Time
FLGTIM [3:0]
CLOCK CYCLES(1)
0000
0
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8
1001
12
1010
16
1011
24
1100
32
1101
48
1110
64
1111
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com