Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 1 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Gain
Network
ADC
(ADS1259)
+5V
+15V
-
15V
Switch
Matrix
and
100 A
Source
Sinkand
Buffer
m
ControlRegister
7xGPIO
SPIInterface
INP2
INN2
INP1
INN1
Address
MUX
SPI
PGA280
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
PGA280 Zerø-Drift, High-Voltage,
Programmable Gain Instrumentation Amplifier
1
1 Features
1
•
Wide input range: ±15.5 V at ±18-V supply
•
Binary gain steps: 128V/V to 1/8 V/V
•
Additional scaling factor: 1 V/V and 1
⅜ V/V
•
Low offset voltage: 3 μV at G = 128
•
Near-zero long-term drift of offset voltage
•
Near-zero gain drift: 0.5 ppm/°C
•
Excellent linearity: 1.5 ppm
•
Excellent CMRR: 140 dB
•
High input impedance
•
Very low 1/f noise
•
Differential signal output
•
Overload detection
•
Input configuration switch matrix
•
Wire break test current
•
Expandable SPI™ with checksum
•
General-purpose I/O port
•
TSSOP-24 package
2 Applications
•
Analog input module
•
Data acquisition (DAQ)
•
Aircraft engine control
•
Battery test
3 Description
The PGA280 is a high-precision instrumentation
amplifier with digitally-controllable gain and signal
integrity test capability. This device offers low offset
voltage, near-zero offset and gain drift, excellent
linearity, and nearly no 1/f noise with superior
common-mode and supply rejection to support high-
resolution precision measurement. The 36-V supply
capability and wide, high-impedance input range
comply
with
requirements
for
universal
signal
measurement.
Special
circuitry
prevents
inrush
currents
from
multiplexer (MUX) switching. In addition, the input
switch matrix enables easy reconfiguration and
system-level diagnostics—overload conditions are
indicated.
The
configurable
general-purpose
input/output
(GPIO) offers several control and communication
features. The SPI can be expanded to communicate
with more devices, supporting isolation with only four
ISO couplers. The PGA280 is available in a TSSOP-
24 package and is specified from –40°C to +105°C.
For all available packages, see the package option
addendum at the end of the data sheet.
Device Comparison
FEATURES
PRODUCT
23-bit resolution, ΔΣ analog-to-digital converter
ADS1259
Chopper-stabilized instrumentation amplifier,
RR I/O, 5V single-supply
INA333
High-precision PGA, G = 1, 10, 100, 1000
PGA204
High-precision PGA, JFET Input, G = 1, 2, 4, 8
PGA206
Typical Application


Similar Part No. - INA333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333 Datasheet
860Kb / 26P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
More results

Similar Description - INA333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
7/2021-Revision 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com