Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments INA333 Datasheet HTML 32Page - Texas Instruments INA333 Datasheet HTML 33Page - Texas Instruments INA333 Datasheet HTML 34Page - Texas Instruments INA333 Datasheet HTML 35Page - Texas Instruments INA333 Datasheet HTML 36Page - Texas Instruments INA333 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
7.6.3 Register 2: SPI: MODE Selection to GPIO-Pin (address = 02h) [reset = 0000 0000b]
Figure 58. Register 2: SPI: MODE Selection to GPIO-Pin (Read = 0x8200, Write = 0x012)
7
6
5
4
3
2
1
0
—
CP6
CP5
CP4
CP3
CP2
CP1
CP0
0
0
0
0
0
0
0
0
Bit Descriptions:
CP[6:0]: SPI mode1 or mode2 can be configured for each individual ECS (extended CS) output if activated in
Register 9. See CS Mode in GPIO Operation Mode for details. CP6 controls ECS6, for example. For SPI
mode1, set the respective bit to 1: a positive edge of SCLK follows CS (Clock Polarity, CP = 0). For SPI
mode2, set the respective bit to 0: a negative edge of SCLK follows CS (CP = 1). See also Figure 50.
7.6.4 Register 3: BUF Timeout Register (address = 03h) [reset = 0001 1001b]
Figure 59. Register 3: BUF Timeout Register
(Read = 0x8300, Write = 0x43)
7
6
5
4
3
2
1
0
—
—
BUFTIM5
BUFTIM4
BUFTIM3
BUFTIM2
BUFTIM1
BUFTIM0
0
0
0
1
1
0
0
1
Bit Descriptions:
BUFTIM[5:0]: Defines BUF timeout length. The LSB equivalent is 4 * t CLK (nominal value is 4 μs with a 1-
MHz clock). Setting this register to 0x00 disables the BUF. The minimum timeout length that can be set is
approximately 6 μs. The default/POR setting sets BUFA time on to 100 μs. The BUFA bit of the Error
Register [D5] indicates the buffer active status. See Figure 55.
7.6.5 Register 4: Error Register (address = 04h) [reset = 0000 0000b]
The Error Register flags activate whenever an error condition is detected. These flags are cleared when a 1 is
written to the error bit.
Figure 60. Register 4: Error Register
(Read = 0x8400, Write = 0x44)
7
6
5
4
3
2
1
0
CHKerr
IARerr
BUFA
ICAerr
EF
OUTerr
GAINerr
IOVerr
0
0
0
0
0
0
0
0
Bit Descriptions:
CHKerr: Checksum error in SPI. This bit is only active if checksum is enabled. This bit is set to 1 when the
checksum byte is incorrect.
IARerr: Input Amplifier Saturation
BUFA: Buffer Active
ICAerr: Input Clamp Active
EF: Error Flag. Logic OR combination of error bits of Register 10. This bit can be connected to GPIO3 pin if
the bit is configured for output (Register 8) and as a special function (Register 12).
OUTerr: Output Stage Error (allow approximately 6µs activation delay).
GAINerr: Gain Network Overload
IOerr: Input Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com