Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 5 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
PGA280
www.ti.com
SBOS487B – JUNE 2009 – REVISED MARCH 2020
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VSP = 15 V, VSN = –15 V, VSON = 0 V, VSOP = 5 V, DVDD = 3 V, DGND = 0 V, RL = 2.5 kΩ to VSOP/2 =
VOCM, G = 1 V/V, using internal clock, BUF inactive, VCM = 0 V, and differential input and output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Gains smaller than ½ are measured with smaller output swing.
(6)
See Figure 11 for typical gain error drift of various gain settings.
(7)
Only G = 1 is production tested.
INPUT BIAS CURRENT(3)
IB
Bias current
Gain = 1 V/V
±0.3
±1
nA
Gain = 128 V/V
±0.8
±2
Gain = 1 V/V, gain = 128 V/V, TA = –40°C to +105°C
±0.6
±2
IOS
Offset current
Gain = 1 V/V, gain = 128 V/V
±0.1
±0.5
nA
Gain = 1 V/V, gain = 128 V/V, TA = –40°C to +105°C
±0.9
±2
NOISE
eNI
Voltage noise, RTI; target
f = 0.01 Hz to 10 Hz
RS = 0 Ω, G = 128 V/V
420
nVPP
RS = 0 Ω, G = 1 V/V
4.5
μVPP
f = 1 kHz
RS = 0 Ω, G = 128 V/V
22
nV/
√Hz
RS = 0 Ω, G = 1 V/V
240
nV/
√Hz
IN
Current noise, RTI
f = 0.01 Hz to 10 Hz
RS = 10 MΩ, G = 128 V/V
1.7
pAPP
f = 1 kHz
RS = 10 MΩ, G = 128 V/V
90
fA/
√Hz
GAIN (Output Swing = ±4.5 V)(5)
Range of input gain
⅛ to 128
V/V
Range of output gain
1 and 1
⅜
V/V
Gain error, all binary steps
All gains
±0.03
±0.15
%
vs temperature(2) (6)
No load, all gains except G = 128 V/V, TA = –40°C to
+105°C
–0.5
±2
ppm/°C
No load, G = 128 V/V, TA = –40°C to +105°C
–1
±3
ppm/°C
Gain step matching(3) (gain to
gain)
No load, all gains
See Typical Characteristics
Nonlinearity
No load, all gains(7)
1.5
10
ppm
Nonlinearity over
temperature(2)
No load, all gains, TA = –40°C to +105°C
3
ppm
OUTPUT
Voltage output swing from
rail(3)
TA = –40°C to +105°C
VSOP = 5 V,
load current 2 mA
40
100
mV
VSOP = 2.7 V,
load current 1.5 mA
100
mV
Capacitive load drive
500
pF
ISC
Short-circuit current
To VSOP/2, gain = 1.375 V/V
7
15
25
mA
Output resistance
Each output VOP and VON
200
m
Ω
VOCM
VOCM supply voltage
VSP – 2 V > VOCM, TA = –40°C to +105°C
(VSON) +
0.1
(VSOP) –
0.1
V
IB
Bias current into VOCM
3
100
nA
VOCM input resistance
1
G
Ω
INTERNAL OSCILLATOR
Frequency of internal
clock(2)(3)
0.8
1
1.2
MHz
Ext. oscillator frequency
0.8
1
1.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com