Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA333
Description  PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
3.0
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
50
100
150
Temperature( C)
°
IR-
IR+
25
75
125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
4
8
16
32
64
128
GainSetting(V/V)
100
10
1
0.1
0.01
0.1
1
10
100
1k
10k
100k
Frequency(Hz)
G=1/8
G=1
G=4
G=128
60
50
40
30
20
10
0
10
20
-
-
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
Frequency(Hz)
VSN
VSP
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
Frequency(Hz)
10
PGA280
SBOS487B – JUNE 2009 – REVISED MARCH 2020
www.ti.com
Product Folder Links: PGA280
Submit Documentation Feedback
Copyright © 2009–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = +25°C, VSP = +15V, VSN = –15V, VSON = 0V, VSOP = 5V, DVDD = +3V, DGND = 0V, RL = 2.5kΩ to VSOP/2 =
VOCM, G = 1V/V, using internal clock, BUF inactive, VCM = 0V, and differential input and output, unless otherwise noted.
Figure 14. Power-Supply Rejection vs Frequency
Figure 15. Common-Mode Rejection vs Frequency
Figure 16. Input-Referred Noise Spectrum
Figure 17. Small-Signal Gain vs Frequency
Figure 18. Input Voltage Range Limits vs Temperature
Figure 19. Bias Current vs Gain Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com