Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments INA701 Datasheet HTML 18Page - Texas Instruments INA701 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Pulse Duration (s)
0.01
0.1
1
10
100
1000
5
7.5
10
12.5
15
17.5
20
____ TA = -40°C
____ TA = 25°C
____ TA = 85°C
Figure 6-5. Maximum Pulse Current vs Pulse Duration (Single Event)
6.3.3 Versatile Measurement Capability
While the INA701 operates from a 2.7V to 5.5V supply, the device can measure voltage and current on rails as
high as 40V. The current is measured by sensing the voltage drop across an internal shunt resistor positioned
between the IN+ and IN– pins. The input stage of the INA701 is designed such that the input common-mode
voltage can be higher than the device supply voltage, VS. The supported common-mode voltage range of –0.3V
to +40V at the input pins is designed for both high-side and low-side current measurements. There are no
special considerations for power-supply sequencing because the common-mode input range and device supply
voltage are independent of each other; therefore, the bus voltage can be present with the supply voltage off, and
vice-versa without damaging the device.
The device also measures the bus supply voltage through the IN– pin and temperature through the integrated
temperature sensor. The differential shunt voltage is measured between the IN+ and IN– pins, while the bus
voltage is measured with respect to device ground. Monitored bus voltages can range from 0V to 40V, while
monitored temperatures can range from –40°C to +125°C.
Shunt voltage, bus voltage, and temperature measurements are multiplexed internally to a single ADC as shown
in Figure 6-6.
IN+
IN-
VBUS
MUX digital
Control
Bus Voltage
Shunt Voltage
Temperature
ADC_IN+
ADC_IN-
To ADC Input
Integrated
Shunt Resistor
TEMP
Temperature
Sensor
Figure 6-6. High-Voltage Input Multiplexer
6.3.4 Internal Measurement and Calculation Engine
The current and charge are calculated after temperature and shunt voltage measurements, while the power and
energy are calculated after a bus voltage measurement. Power and energy are calculated based on the previous
current calculation and the latest bus voltage measurement.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com