Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA701 Datasheet HTML 22Page - Texas Instruments INA701 Datasheet HTML 23Page - Texas Instruments INA701 Datasheet HTML 24Page - Texas Instruments INA701 Datasheet HTML 25Page - Texas Instruments INA701 Datasheet HTML 26Page - Texas Instruments INA701 Datasheet HTML 27Page - Texas Instruments INA701 Datasheet HTML 28Page - Texas Instruments INA701 Datasheet HTML 29Page - Texas Instruments INA701 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
6.6.1.2 ADC Configuration (ADC_CONFIG) Register (Address = 1h) [reset = FB68h]
The ADC_CONFIG register is shown in Table 6-6.
Return to the Summary Table.
Table 6-6. ADC_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
MODE
R/W
Fh
The user can set the MODE bits for continuous or triggered mode on
bus voltage, current or temperature measurement.
0h = Shutdown
1h = Triggered bus voltage, single shot
2h = Reserved
3h = Reserved
4h = Triggered temperature, single shot
5h = Triggered temperature and bus voltage, single shot
6h = Triggered temperature and current, single shot
7h = Triggered temperature, current and bus voltage, single shot
8h = Shutdown
9h = Continuous bus voltage only
Ah = Reserved
Bh = Reserved
Ch = Continuous temperature only
Dh = Continuous bus voltage and temperature
Eh = Continuous temperature and current
Fh = Continuous temperature, current, and bus voltage
11-9
VBUSCT
R/W
5h
Sets the conversion time of the bus voltage measurement.
0h = 50µs
1h = 84µs
2h = 150µs
3h = 280µs
4h = 540µs
5h = 1052µs
6h = 2074µs
7h = 4120µs
8-6
VSENCT
R/W
5h
Sets the conversion time of the shunt resistor voltage. Works in
conjunction with the temperature conversion time. Total conversion
time for a current measurement is the sum of VSENCT and TCT
selections.
0h = 50µs
1h = 84µs
2h = 150µs
3h = 280µs
4h = 540µs
5h = 1052µs
6h = 2074µs
7h = 4120µs
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com